Electronic Components Datasheet Search
  English  ▼

X  

SFH-4853 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4853
Description  Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4853 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4853 Datasheet HTML 1Page - OSRAM GmbH SFH-4853 Datasheet HTML 2Page - OSRAM GmbH SFH-4853 Datasheet HTML 3Page - OSRAM GmbH SFH-4853 Datasheet HTML 4Page - OSRAM GmbH SFH-4853 Datasheet HTML 5Page - OSRAM GmbH SFH-4853 Datasheet HTML 6Page - OSRAM GmbH SFH-4853 Datasheet HTML 7Page - OSRAM GmbH SFH-4853 Datasheet HTML 8Page - OSRAM GmbH SFH-4853 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Infrared Emitter (850 nm)
Version 1.2
SFH 4853
Ordering Information
Features:
•
Wavelength 850nm
•
Anode is electrically connected to the case
•
Short switching times
•
Spectral match with silicon photodetectors
•
Hermetically sealed package
Applications
•
Photointerrupters
•
IR remote control
•
Sensor technology
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF= 100 mA, tp= 20 ms
SFH 4853
25 (≥ 10)
Q65111A6129
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4853

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-485 OSRAM-SFH-485 Datasheet
168Kb / 13P
GaAlAs Infrared Emitters
SFH-4851 OSRAM-SFH-4851 Datasheet
239Kb / 9P
Anode is electrically connected to the case
SFH-4855 OSRAM-SFH-4855 Datasheet
242Kb / 10P
Infrared Emitter
SFH-4857 OSRAM-SFH-4857 Datasheet
241Kb / 9P
Infrared Emitter
More results

Similar Description - SFH-4853

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com