Electronic Components Datasheet Search
  English  ▼

X  

SFH-4860 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4860
Description  GaAlAs Light Emitting Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4860 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4860 Datasheet HTML 1Page - OSRAM GmbH SFH-4860 Datasheet HTML 2Page - OSRAM GmbH SFH-4860 Datasheet HTML 3Page - OSRAM GmbH SFH-4860 Datasheet HTML 4Page - OSRAM GmbH SFH-4860 Datasheet HTML 5Page - OSRAM GmbH SFH-4860 Datasheet HTML 6Page - OSRAM GmbH SFH-4860 Datasheet HTML 7Page - OSRAM GmbH SFH-4860 Datasheet HTML 8Page - OSRAM GmbH SFH-4860 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
GaAlAs Light Emitting Diode (660 nm)
Version 1.3
SFH 4860
Ordering Information
Features:
•
Fabricated in a liquid phase epitaxy process
•
Cathode is electrically connected to the case
•
High reliability
•
Spectral match with silicon photodetectors
•
Hermetically sealed package
Applications
•
Photointerrupters
•
IR remote control
•
Sensor technology
•
Light curtains
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF = 50 mA, tp = 20 ms
SFH 4860
1.3 (≥ 0.63)
Q62702P5053
Note:
18 A3 DIN 870 (TO-18), flat glass cap, lead spacing 2.54 mm (1/10’’) anode making: projection at package
bottom


Similar Part No. - SFH-4860

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-486 OSRAM-SFH-486 Datasheet
166Kb / 12P
GaAlAs Infrared Emitter
More results

Similar Description - SFH-4860

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN145W PANASONIC-LN145W Datasheet
26Kb / 1P
GaAlAs Red Light Emitting Diode
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189L PANASONIC-LN189L Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com