Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3335
Description  Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3335 Datasheet(HTML) 3 Page - Linear Technology

  LTC3335 Datasheet HTML 1Page - Linear Technology LTC3335 Datasheet HTML 2Page - Linear Technology LTC3335 Datasheet HTML 3Page - Linear Technology LTC3335 Datasheet HTML 4Page - Linear Technology LTC3335 Datasheet HTML 5Page - Linear Technology LTC3335 Datasheet HTML 6Page - Linear Technology LTC3335 Datasheet HTML 7Page - Linear Technology LTC3335 Datasheet HTML 8Page - Linear Technology LTC3335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
dc2343afb
DEMO MANUAL DC2343A
ILOAD (mA)
90
80
100
10
100
DC2343A F01
60
50
40
30
10
20
70
0
0.01
1.0
0.001
0.1
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
BAT = 3.6V
L = 100µH
DCR = 0.6
Figure 1. LTC3335 Buck-Boost Efficiency vs Load Current
and VOUT for 100mA IPEAK Setting
Figure 2. DC2343A Demo Board Pictures
(a) Top
(b) Bottom
operating principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com