Electronic Components Datasheet Search
  English  ▼

X  

DMV-10 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # DMV-10
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV-10 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  DMV-10 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV-10 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV-10 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV-10 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.pairuigroup.com
Page: 3 / 4
Date: 10/08/2015
* Subject to change without notice
DC-DC Converter
DIP-Package
DMV-10 SERIES, 10WATT, 2:1 INPUT RANGE
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
1
GND
GND
2
+Vin
+Vin
3
+Vo
+Vo
4
No Pin
0V
5
0V
-Vo
CONNECTION - "CTRL"
1
GND
GND
2
+Vin
+Vin
3
+Vo
+Vo
4
No Pin
0V
5
0V
-Vo
6
CTRL
CTRL
Note:
* Unit is mm(inch).
ELECTRICAL CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com