Electronic Components Datasheet Search
  English  ▼

X  

MP5000S Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5000S
Description  12V, 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000S Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5000S Datasheet HTML 5Page - Monolithic Power Systems MP5000S Datasheet HTML 6Page - Monolithic Power Systems MP5000S Datasheet HTML 7Page - Monolithic Power Systems MP5000S Datasheet HTML 8Page - Monolithic Power Systems MP5000S Datasheet HTML 9Page - Monolithic Power Systems MP5000S Datasheet HTML 10Page - Monolithic Power Systems MP5000S Datasheet HTML 11Page - Monolithic Power Systems MP5000S Datasheet HTML 12Page - Monolithic Power Systems MP5000S Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP5000S – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000S Rev. 1.0
www.MonolithicPower.com
10
4/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
3.
low voltage on Enable/Fault pin: reset
fault flag
4.
mid voltage on Enable/Fault pin: no effect
Under a fault, the Enable/Fault pin is driven to
the mid level.
There are 4 types of faults, and each fault has a
direct and indirect effect on the Enable/Fault pin
and the internal fault flag.
In a typical application there are one or more of
the
MP5000S
chips
in
a
system.
The
Enable/Fault lines will typically be connected
together.
Table 1
—Fault Function Influence in Application
Fault description
Internal action
Effect on Fault Pin
Effect on Flag
Effect on secondary Part
Short/over current
Limit current
none
none
none
Under Voltage
Output is
turned off
Internally drives
Enable/Fault pin to
Logic low
Flag is reset
Secondary part output is
disabled, and fault flag is
reset.
Over Voltage
Limit output
voltage
None
None
None
Thermal
Shutdown
Shutdown part
The part is
latched off until
a UVLO or
externally driven
to ground.
Internally drives
Enable/Fault pin
to mid level
Flag is set
Secondary part output is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com