Electronic Components Datasheet Search
  English  ▼

X  

MP5007 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5007
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5007 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5007 Datasheet HTML 1Page - Monolithic Power Systems MP5007 Datasheet HTML 2Page - Monolithic Power Systems MP5007 Datasheet HTML 3Page - Monolithic Power Systems MP5007 Datasheet HTML 4Page - Monolithic Power Systems MP5007 Datasheet HTML 5Page - Monolithic Power Systems MP5007 Datasheet HTML 6Page - Monolithic Power Systems MP5007 Datasheet HTML 7Page - Monolithic Power Systems MP5007 Datasheet HTML 8Page - Monolithic Power Systems MP5007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP5007 – 5V, 1A- 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5007 Rev.1.1
www.MonolithicPower.com
4
9/2/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1-5
SOURCE
This pin is the source of the internal power FET and the output terminal of the IC.
6
N/C
DO NOT CONNECT, The pin must be float.
7
I-Limit
A resistor between this pin and the Source pin sets the overload and short circuit
current limit levels.
8
Enable/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. It can be used to enable the
output of the device by floating the pin, or disable the chip by pulling it to ground
(using an open drain or open collector device). If a thermal fault occurs, the voltage
on this pin will go to an intermediate state to signal a monitoring circuit that the device
is in thermal shutdown.
9
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn on. It has
an internal capacitor that allows it to ramp up over the period of 1.1ms. An external
capacitor can be added to this pin to increase the ramp time. If an additional time
delay is not required, this pin should be left float.
10
GND
Negative Input Voltage to the Device. This is used as the internal reference for the IC.
11
VCC
Positive input voltage to the device (Exposed Pad).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com