Electronic Components Datasheet Search
  English  ▼

X  

MP5013E Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5013E
Description  5V, 2A, Programmable Current-Limit Switch with Over-Voltage Clamp and Slew Rate Control in a TSOT23-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5013E Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5013E Datasheet HTML 5Page - Monolithic Power Systems MP5013E Datasheet HTML 6Page - Monolithic Power Systems MP5013E Datasheet HTML 7Page - Monolithic Power Systems MP5013E Datasheet HTML 8Page - Monolithic Power Systems MP5013E Datasheet HTML 9Page - Monolithic Power Systems MP5013E Datasheet HTML 10Page - Monolithic Power Systems MP5013E Datasheet HTML 11Page - Monolithic Power Systems MP5013E Datasheet HTML 12Page - Monolithic Power Systems MP5013E Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP5013E
– 5V, 2A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5013E Rev. 1.0
www.MonolithicPower.com
11
9/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit
The current limit is a function of the external
current-limit resistor. Table 2 lists some current
values as a function of the resistor value.
Table 2: Current Limit vs. Current Limit Resistor
(VCC = 5V)
RLIMIT (Ω)
22
51
75
100
220
Trip Current
(A)
6.5
4.3
3.7
3.38
3
Hold Current
(A)
3.5
1.5
1.1
0.81
0.4
Rise Time
The rise time is a function of the capacitor
(CDV/DT) on DV/DT. Table 3 lists typical rise
times as a function of the capacitance.
Table 3: Rise Time vs. CDV/DT
CDV/DT
none
150pF
470pF
1nF
Rise Time
(ms)
1.2
5.7
15.3
31.2
Calculate the rise time with Equation (1):
1.2ms
(pF)
C
*
0.03ms
(ms)
time
Rise
DV/DT
(1)
The rise time is measured from 10% to 90% of
the output voltage (see Figure 2).
Figure 2: Rise Time
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 3 and
follow the guidelines below.
1. Place RLIMIT close to I-Limit.
2. Place CDV/DT close to DV/DT.
3. Place the input capacitor close to VCC.
4. Place enough copper area near VCC and
SOURCE for thermal dissipation.
SOURCE
GND
C4
R1
VCC
Top Layer
VCC
Bottom Layer
Figure 3: Recommended PCB Layout
Design Example
Table 4 is a design example following the
application guidelines for the specifications
below.
Table 4: Design Example
VIN
5V
Trip Current
6.5A
Hold Current
3.5A
Figure
4
shows
the
typical
application
schematic.
The
Typical
Performance
Characteristics
section
shows
the
circuit
waveforms.
For
more
device
applications,
please refer to the related evaluation board
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com