Electronic Components Datasheet Search
  English  ▼

X  

SA06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA06
Description  Encapsulated DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA06 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encapsulated DC-DC Converter
SA06 SERIES
6 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SA 06-24-3.3S
SA 06-24-5S
SA 06-24-12S
SA 06-24-15S
SA 06-24-24S
Max. output wattage (W)
5W
6W
6W
6W
6W
Input voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output voltage (V.DC.)
3.3V / 1500mA
5V / 1200mA
12V / 500mA
15V / 400mA
24V / 250mA
Model No.
SA 06-24-3.3S
SA 06-24-5S
SA 06-24-12S
SA 06-24-15S
SA 06-24-24S
Max output wattage (W)
5W
6W
6W
6W
6W
Input
Input filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage accuracy
±2%
±2%
±2%
±2%
±2%
Current (mA) max
1500
1200
500
400
250
Line regulation (HL-LL) (typ.)
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
Load regulation (10-100%) (typ.)
±1%
±1%
±1%
±1%
±1%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
76%
79%
82%
82%
83%
Output
Switching frequency
125KHz
125KHz
125KHz
125KHz
125KHz
Over current protection
Works over 120% of rating and recovers automatically.
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
9 ohms
Isolation
Capacitance
1000 pF
Operating temperature
-25°C…+71°C
Storage temperature
-55°C…+105°C
Case temperature
+95°C max.
Temperature coefficient
±0.02% Per°C
Humidity
95%RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.0 x 0.55 Inches (50.8 x 25.4x 14 mm)
Case Material
Six-side shielded Aluminum with Non-Conductive base
Weight
25 g
Physical
Cooling method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Modules for PCB Mounting
Regulated Output
Low Ripple and Noise
2-Year Product Warranty


Similar Part No. - SA06

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
SA0603C0G104B100NBA SAMWHA-SA0603C0G104B100NBA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA0603C0G104B100NBB SAMWHA-SA0603C0G104B100NBB Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA0603C0G104B100NBE SAMWHA-SA0603C0G104B100NBE Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA0603C0G104B100NRA SAMWHA-SA0603C0G104B100NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
SA0603C0G104B100NRB SAMWHA-SA0603C0G104B100NRB Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
More results

Similar Description - SA06

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
NI20 ARCH-NI20 Datasheet
96Kb / 2P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com