Electronic Components Datasheet Search
  English  ▼

X  

STBR606 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBR606
Description  50-60Hz RECTIFICATION BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR606 Datasheet(HTML) 3 Page - STMicroelectronics

  STBR606 Datasheet HTML 1Page - STMicroelectronics STBR606 Datasheet HTML 2Page - STMicroelectronics STBR606 Datasheet HTML 3Page - STMicroelectronics STBR606 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STBR606/608
3/4
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
100
200
300
400
500
600
700
800
VR(V)
Tj=150°C
Tj=125°C
Tj=75°C
Tj=25°C
IR(µA)
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values, per leg).
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
25
50
75
100
125
150
Tj(°C)
VR=800V
IR(µA)
Fig. 6: Relative leakage current versus junction
temperature (typical values).
1
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
RMS
Tj=25°C
C(pF)
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values).
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
dIF/dt(A/µs)
IF=6A
VR=400V
Tj=125°C
IF
dIF/dt
S=[dIF/dt]/[dIR/dt]
t
S(Softness factor)
Fig. 8: Softness factor versus dIF/dt (typical
values).
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
Number of cycles
Non repetitive
Tj initial=150°C
Repetitive
Tj initial=50°C
tp=10ms
IFSM(A)
Fig. 9: Surge peak forward current versus number
of cycles (per leg).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com