Electronic Components Datasheet Search
  English  ▼

X  

STBR608 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBR608
Description  50-60Hz RECTIFICATION BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR608 Datasheet(HTML) 1 Page - STMicroelectronics

  STBR608 Datasheet HTML 1Page - STMicroelectronics STBR608 Datasheet HTML 2Page - STMicroelectronics STBR608 Datasheet HTML 3Page - STMicroelectronics STBR608 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
STBR606/608
August 2001 - Ed: 4D
50-60Hz RECTIFICATION BRIDGE
®
Single-phase 6A Bridge for 50 & 60Hz rectification
in Switch Mode Power Supplies.
Applications:
Home
appliances,
Automation,
Telecommunications, PC, Servers.
DESCRIPTION
s
Dielectric strength of 2000V
s
High Surge overload rating
s
High Surge current capability
s
UL94V0
s
Planar technology
FEATURES AND BENEFITS
IF(AV)
6A
VRRM
600 V / 800 V
VF (max)
1.05 V
MAJOR PRODUCT CHARACTERISTICS
GBU
STBR606/608
-
+
~
~
Symbol
Parameter
STBR606 STBR608
Unit
VRRM
Repetitive peak reverse voltage
600
800
V
VRMS
RMS Voltage
420
560
V
VDC
DC Blocking voltage
600
800
V
IF(AV)
Average Forward Current
TC = 60°C
6A
IFSM
Non repetitive surge peak forward
current
tp = 8.3 ms
Single sine wave
(JEDEC method)
175
A
I
2t
Rating for Fusing (tp < 8.3ms)
127
A
2S
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-50to150
°C
ABSOLUTE RATINGS (limiting values)
~~
+
-


Similar Part No. - STBR608

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR6008-Y STMICROELECTRONICS-STBR6008-Y Datasheet
204Kb / 9P
Automotive 800 V, 60 A bridge rectifier diode
10-Jun-2019
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
High voltage rectifier for bridge applications
02-Nov-2016
STBR6012-Y STMICROELECTRONICS-STBR6012-Y Datasheet
307Kb / 8P
Automotive high voltage rectifier for bridge applications
07-Nov-2016
STBR6012W STMICROELECTRONICS-STBR6012W Datasheet
303Kb / 8P
High voltage rectifier for bridge applications
02-Nov-2016
More results

Similar Description - STBR608

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BF3506TV STMICROELECTRONICS-BF3506TV Datasheet
71Kb / 3P
FULL 50-60Hz RECTIFICATION BRIDGE
Nov-1995
BF3510TV STMICROELECTRONICS-BF3510TV Datasheet
26Kb / 3P
FULL 50-60Hz RECTIFICATION BRIDGE
Aug-1999
STBR406 STMICROELECTRONICS-STBR406 Datasheet
56Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
logo
TRIAD MAGNETICS
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
240VAC짹10%, 50/60Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com