Electronic Components Datasheet Search
  English  ▼

X  

PLT5-520 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PLT5-520
Description  Green Laser Diode in TO56 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5-520 Datasheet(HTML) 5 Page - OSRAM GmbH

  PLT5-520 Datasheet HTML 1Page - OSRAM GmbH PLT5-520 Datasheet HTML 2Page - OSRAM GmbH PLT5-520 Datasheet HTML 3Page - OSRAM GmbH PLT5-520 Datasheet HTML 4Page - OSRAM GmbH PLT5-520 Datasheet HTML 5Page - OSRAM GmbH PLT5-520 Datasheet HTML 6Page - OSRAM GmbH PLT5-520 Datasheet HTML 7Page - OSRAM GmbH PLT5-520 Datasheet HTML 8Page - OSRAM GmbH PLT5-520 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Version 0.3
PLT5 520
23.05.2017
5
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Threshold Current
Ith = ƒ (Tcase)
Maximum Recommended Operating Current
IF = ƒ (Tcase)
Spectra (B2; B5)
Popt = ƒ (λ)
Beam Divergence
Popt = ƒ (θ), Tcase = 25 °C
0
204060
35
40
45
50
55
60
65
70
75
B4-B6
B1-B3
T
case [°C]
-20
0
20
40
60
100
120
140
160
180
200
B4-B6
B1-B3
T
case [mA]
514
516
518
520
522
0.0
0.2
0.4
0.6
0.8
1.0
[nm]
T
case=20 °C
T
case=60 °C
T
case=40 °C
-40
-20
0
20
40
0.0
0.2
0.4
0.6
0.8
1.0
[deg]
||
⊥



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com