Electronic Components Datasheet Search
  English  ▼

X  

SFH-4761 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4761
Description  White frame to achieve high optical power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4761 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4761 Datasheet HTML 1Page - OSRAM GmbH SFH-4761 Datasheet HTML 2Page - OSRAM GmbH SFH-4761 Datasheet HTML 3Page - OSRAM GmbH SFH-4761 Datasheet HTML 4Page - OSRAM GmbH SFH-4761 Datasheet HTML 5Page - OSRAM GmbH SFH-4761 Datasheet HTML 6Page - OSRAM GmbH SFH-4761 Datasheet HTML 7Page - OSRAM GmbH SFH-4761 Datasheet HTML 8Page - OSRAM GmbH SFH-4761 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2010-12-15
1
2010-12-15
OSRAM OSTAR Observation (850nm)
Version 1.0
SFH 4761
Features:
Besondere Merkmale:
• White frame to achieve high optical power
• Weißer Rahmen für hohe Lichtleistung
•4.3 W optical power at IF=1A
• 4.3 W optical power at IF=1A
• Active chip area 2.1 x 5.4 mm2
• Aktive Chipfläche 2.1 x 5.4 mm2
• Max. DC-current 1 A
• Max. Gleichstrom 1 A
• Low thermal resistance (2.8 K / W)
• Niedriger Wärmewiderstand (2.8 K / W)
• ESD safe up to 2 kV acc. to ANSI/ESDA/JEDEC
JS-001-2011
• ESD sicher bis 2 kV nach ANSI/ESDA/JEDEC
JS-001-2011
• The product qualification test plan is based on the
guidelines of AEC-Q101-REV-C, Stress Test
Qualification for Automotive Grade Discrete
Semiconductors.
• Die Produktqualifikation wurde basierend auf der
Richtlinie AEC-Q101-REV-C, „Stress Test
Qualification for Automotive Grade Discrete
Semiconductors“, durchgeführt.
Applications
Anwendungen
• Infrared Illumination for cameras
• Infrarotbeleuchtung für Kameras
• Surveillance systems
• Überwachungssysteme
• Data transmission
• Datenübertragung
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH-4761

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4703AS OSRAM-SFH-4703AS Datasheet
570Kb / 14P
IR lightsource with high efficiency
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
OSLON Black Series
SFH-4714A OSRAM-SFH-4714A Datasheet
585Kb / 13P
OSLON Black Series
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
More results

Similar Description - SFH-4761

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD265RP ETC1-SLD265RP Datasheet
71Kb / 2P
Multibeam Laser Diodes Achieve High-Speed Printing
logo
Unisonic Technologies
PWH01NBT-C0 UTC-PWH01NBT-C0 Datasheet
246Kb / 4P
WHITE HIGH POWER LED
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
The following sections will demonstrate how to achieve
logo
M/A-COM Technology Solu...
M515 MA-COM-M515 Datasheet
56Kb / 1P
Techniques to Achieve High Isolation with GaAs MMIC Switch Chips
logo
Freescale Semiconductor...
XPC8240RZU250E FREESCALE-XPC8240RZU250E Datasheet
1Mb / 8P
Modified voltage specifications to achieve 250 MHz
logo
STMicroelectronics
AN2386 STMICROELECTRONICS-AN2386 Datasheet
846Kb / 30P
How to achieve the threshold voltage thermal coefficient
13-Jun-2006
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
High-Sensitivity Optical Power Sensors
logo
Luminus, Inc
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
logo
TXC Corporation.
AUZ TXC-AUZ Datasheet
996Kb / 1P
4 pads design to achieve good soldering contact on PCB.
logo
Linx Technologies
ANT-418-SP LINX-ANT-418-SP Datasheet
558Kb / 2P
The Splatch uses a grounded-line technique to achieve outstanding performance
1/3/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com