Electronic Components Datasheet Search
  English  ▼

X  

LTC3886 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3886
Description  Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 2 Page - Linear Technology

  LTC3886 Datasheet HTML 1Page - Linear Technology LTC3886 Datasheet HTML 2Page - Linear Technology LTC3886 Datasheet HTML 3Page - Linear Technology LTC3886 Datasheet HTML 4Page - Linear Technology LTC3886 Datasheet HTML 5Page - Linear Technology LTC3886 Datasheet HTML 6Page - Linear Technology LTC3886 Datasheet HTML 7Page - Linear Technology LTC3886 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DC2277af
DEMO MANUAL DC2277A
Quick start proceDure
Demonstration circuit 2277A makes it easy to program
and verify the EEPROM contents of the LTC3886 in the
UKG package.
1. Make sure jumpers are in the following positions:
JUMPER
POSITION FUNCTION
JP1
OFF
Write Protection of LTC3886
JP2
ON
Write Protection of Identification EEPROM
2. Open the lid of the socket. Verify there is an LTC3886
inside. See Figure 2.
3. Close the lid. It will snap into place.
NOTE: Removal and insertion of the IC should be done
with either a tweezers or a vacuum suction device.
4. Plug one end of the USB cable to your PC. Plug other
endofUSBcableintotheI2C/SMBus/PMBuscontroller.
5. If you have a DC1427A, plug the ribbon cable into J1.
If you have a DC1613A, plug the ribbon cable into J2.
See Figure 3.
6. On your PC, launch LTpowerPlay. LTpowerPlay will
identify the DC2277A and launch the appropriate GUI.
See Figure 4.
NOTE. You will see an Under Temperature (UT) Fault.
This is normal since the temperature sensing pin is
grounded. Ignore this fault at the moment.
7. Change the GUI parameters according to your system
requirements. Or, you can click
button to open an
existing project file.
8. After you finish the design, click
to save the project
file
Figure 2. Open Shell. Verify IC Installed



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com