Electronic Components Datasheet Search
  English  ▼

X  

LTC3870EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3870EUFD
Description  60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3870EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC3870EUFD Datasheet HTML 1Page - Linear Technology LTC3870EUFD Datasheet HTML 2Page - Linear Technology LTC3870EUFD Datasheet HTML 3Page - Linear Technology LTC3870EUFD Datasheet HTML 4Page - Linear Technology LTC3870EUFD Datasheet HTML 5Page - Linear Technology LTC3870EUFD Datasheet HTML 6Page - Linear Technology LTC3870EUFD Datasheet HTML 7Page - Linear Technology LTC3870EUFD Datasheet HTML 8Page - Linear Technology LTC3870EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
dc2155afb
DEMO MANUAL
DC2155A-A/DC2155A-B
DESCRIPTION
LTC3886IUKG/LTC3870EUFD
60V Dual Output Step-Down DC/DC Controller
with Digital Power System Management
Demonstration circuit 2155A is available in two configu-
rations. The DC2155A-A is a dual output synchronous
step-down converter featuring the LTC®3886IUKG, a
dual-phase current mode controller. The DC2155A-B is
a single output synchronous step-down converter that
operates with four phases: two from the LTC3886IUKG
and two from LTC3870EUFD, a phase extender. Both ver-
sions have a PMBus interface and digital power system
management functions.
The DC2155A uses discrete MOSFETs in the power stage.
The input range of this board is from 18V to 54V. The
output voltage can be programmed from 5V to 12V with an
output current of up to 12A per phase. For the DC2155A-A
version, the factory default setting for the CH0 output is
12V and CH1 output is 5V. In addition, this demo board
has an on-board dynamic load circuit, which makes it easy
to evaluate the transient performances.
The DC2155A powers up to default settings and produces
power based on configuration resistors or its program file
loaded within its onboard EEPROM without the need for
L
, LT, LTC, LTM, Linear Technology, the Linear logo and LTpowerPlay are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
PERFORMANCE SUMMARY
anyserialbuscommunication.Thisallowseasyevaluation
of the DC/DC converter aspects of the LTC3886. To fully
exploretheextensivepowersystemmanagementfeatures
of the parts, download the GUI software LTpowerPlay®
onto your PC and use LTC’s I2C/SMBus/PMBus Dongle
DC1613A to connect to the board. LTpowerPlay allows
the user to reconfigure the part on the fly and store the
configuration in EEPROM, view telemetry of voltage, cur-
rent, temperature and fault status.
GUI Software Download
The software can be downloaded from:
http://www.linear.com/ltpowerplay
For more details and instructions of LTpowerPlay, please
refer to “LTpowerPlay for LTC3880 Quick Start Guide”.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2155A
Specifications are at TA = 25°C
DC2155A-A Assembly (Dual Output, LTC3886 Only)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
18
32
54
V
FSW
Factory Default Switching Frequency
150
kHz
VOUT0
CH0 Factory Default Output Voltage
IOUT0 = 0A to 12A, VIN = 18V to 54V
12
V
IOUT0
CH0 Output Current Range
0
12
A
EFF
CH0 Efficiency
VOUT0 = 12V, VIN = 32V, IOUT = 12A, See Figure 6a
96.3
%
VOUT1
CH1 Factory Default Output Voltage
IOUT1 = 0A to 12A, VIN = 18V to 54V
5
V
IOUT1
CH1 Output Current Range
0
12
A
EFF
CH1 Efficiency
VOUT1 = 5V, VIN = 32V, IOUT = 12A, See Figure 6b
93.6
%


Similar Part No. - LTC3870EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
logo
Analog Devices
LTC3870 AD-LTC3870 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
LTC3870 AD-LTC3870 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3870 AD-LTC3870 Datasheet
3Mb / 118P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Similar Description - LTC3870EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3886 LINER-LTC3886_15 Datasheet
2Mb / 116P
60V Dual Output Step-Down Controller with Digital Power System Management
LTC3886 LINER-LTC3886 Datasheet
686Kb / 8P
Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LTC3886 AD-LTC3886 Datasheet
2Mb / 122P
60V Dual Output Step-Down Controller with Digital Power System Management
9/18-REV.F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com