Electronic Components Datasheet Search
  English  ▼

X  

LTC3896 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3896
Description  High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3896 Datasheet(HTML) 2 Page - Linear Technology

  LTC3896 Datasheet HTML 1Page - Linear Technology LTC3896 Datasheet HTML 2Page - Linear Technology LTC3896 Datasheet HTML 3Page - Linear Technology LTC3896 Datasheet HTML 4Page - Linear Technology LTC3896 Datasheet HTML 5Page - Linear Technology LTC3896 Datasheet HTML 6Page - Linear Technology LTC3896 Datasheet HTML 7Page - Linear Technology LTC3896 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2447af
DEMO MANUAL DC2447A
Quick start proceDure
Demonstration circuit 2447A is easy to set up to evaluate
theperformanceoftheLTC3896.Forpropermeasurement
equipment configuration, set up the circuit according to
the diagram in Figure 1. Before proceeding to test, insert
shunt into JP1 (RUN) into OFF position, which connects
the RUN pin to ground (GND) and shuts down the output.
Set jumper JP2 (MODE) into the FCM (Forced Continuous
Conduction Mode) position.
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT– and GND terminals. See Figure 2 for proper scope
probe technique.
1. With the DC2447A set up according to the proper
measurement and equipment in Figure 1, apply 16V
at VIN. Measure VOUT–; it should read 0V. If desired,
one can measure the shutdown supply current at this
point. The supply current will be approximately 12µA,
or less, in shutdown.
2. Turn on VOUT– of the circuit by inserting the shunt
in header JP1 (RUN) into the ON position. The output
voltage should be regulating. Measure VOUT– and it
should measure –12.0V ± 2% (Do not apply more than
the maximum voltage of 72V to the board or the part
may be damaged). Vary the VOUT– load, which should
not exceed 5A. Vary the input voltage from 7V to 72V,
the VOUT–, it should measure –12.0V ± 2%.
3. SetoutputcurrenttozeroandmovejumperJP2(MODE)
into Burst Default position and measure VOUT–. It
should be –12.0V ± 2%. Vary the VOUT– load, which
should not exceed 5A. Vary the input voltage from 7V
to 72V, the VOUT–, it should measure –12.0V ± 2%.
4. SetoutputcurrenttozeroandmovejumperJP2(MODE)
into Pulse Skip position and measure VOUT–. It should
be –12.0V ± 2%. Vary the VOUT– load, which should
not exceed 5A. Vary the input voltage from 7V to 72V,
the VOUT–, it should measure –12.0V ± 2%.
DC2447A supports synchronization to external clock
referenced to input GND; use PLLIN terminal for
synchronization. PGOOD signal also referenced to
input GND. To activate PGOOD functionality, connect
external voltage source to terminals V_PGOOD and
GND.DC2447AalsosupportsEXTVCCfunction,however
EXTVCC is referenced to VOUT–.
Figure 1. Proper Measurement Equipment Setup
DC2447 F01
LOAD
80V DC/DC
POWER SUPPLY
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com