Electronic Components Datasheet Search
  English  ▼

X  

MP3332 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3332
Description  Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3332 Datasheet HTML 11Page - Monolithic Power Systems MP3332 Datasheet HTML 12Page - Monolithic Power Systems MP3332 Datasheet HTML 13Page - Monolithic Power Systems MP3332 Datasheet HTML 14Page - Monolithic Power Systems MP3332 Datasheet HTML 15Page - Monolithic Power Systems MP3332 Datasheet HTML 16Page - Monolithic Power Systems MP3332 Datasheet HTML 17Page - Monolithic Power Systems MP3332 Datasheet HTML 18Page - Monolithic Power Systems MP3332 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
MP3332
– DUAL-CHANNEL FLASH LED DRIVER WITH I2C INTERFACE
MP3332 Rev. 1.0
www.MonolithicPower.com
15
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Assist Mode to Flash Mode
During assist light mode, the device can switch
to flash mode from assist light mode directly
when STR goes high if STR_MOD = 1 (see
Figure 11). After the flash, the part operates in
flash mode.
MP3332 Assist Light Mode to Flash Mode:
ILED1
ILED2
I2C
REG 0x0C/D,
I1_TOR=XXXX
I2_TOR=XXXX
REG 0x06/7,
I1_FL=XXXX
I2_FL=XXXX
REG 0x01,
LED_MOD=10
STR_MOD=1
STR_LV=1
REG 0x01,
LED1_EN=1
LED2_EN=1
REG 0x03,
FL_TIM=XXXX
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD=00
STR
FL_TIMER
REG 0x01,
LED1_EN=1
LED2_EN=1
LED_MOD=10
STR_MOD=1
STR_LV=0
REG 0x03,
FL_TIM=XXXX
Setting Time
Reset,
LED1_EN to 0
LED2_EN to 0
LED_MOD=00
Figure 11: Assist Mode to Flash Mode
5V DC Output Mode
If 5V_MOD is set to 1, the device works in fixed
5V output mode, and the control loop is taken
over by the voltage loop (see Figure 12). Note
that the LED current source can still output a
current if the mode conditions described above
are met. Since the 5V DC directly powers the
LED, care must be taken to ensure thermal
conditions are normal. It is recommended to set
the LED1/2_EN bit to 0 during 5V mode.
MP3332 5V DC Mode:
ILED1
ILED2
TOR
I2C
REG 0x0C/D
I1_TOR=XXXX
I2_TOR=XXXX
REG 0x01,
LED_MOD=00
REG 0x01,
LED1_EN=1
LED2_EN=1
Reset,
LED1_EN to 0
LED2_EN to 0
VOUT
REG 0x01,
5V_MOD=1
REG 0x01,
5V_MOD=1
Figure 12: 5V DC Output Mode
Switching Frequency Setting
The maximum switching frequency can be
selected by the SW_FS bits when operating in
boost mode. 1M/2M/3M/4MHz can be selected
to optimize efficiency.
Switching Frequency Foldback
In 4/3/2MHz switching mode, if the voltage
across the current source is larger than the
value set by the register bit VTH_PAS, the IC
switches to 1MHz to improve efficiency and EMI.
When FS_SD = 0, if the voltage across the
current source is still larger than the value set
by the register bits VTH_PAS in 1MHz mode,
the switching frequency can be stretched down
to 100kHz. If the input voltage continues rising
or the load becomes lighter, the IC switches to
pass mode from 100kHz. When FS_SD = 1, the
IC switches directly to pass mode from 1MHz.
Load Balancing
To improve efficiency, the device provides a
load balancing function to reduce unbalanced
forward voltage drops between dual LEDs (see
Figure 13). To enable this function, set the bit
BAL_ON to 1. If VLED1 > VLED2 + VLED_HYS,
the LED1 current drops step-by-step while the
LED2 current rises step-by-step, and |VLED1-
VLED2| < VLED_HYS or ILED1 < 90% ILED2.
The maximum adjustment range of each LED
current is limited to 10%. Because of the
limitation, if there is a large difference between
VLED1 and VLED2, the load balance function
cannot ensure |VLED1-VLED2| < VLED_HYS. It is
recommended to further reduce the voltage
difference. If VLED2 > VLED1 + VLED_HYS, the
operation is the same.
4.35V, 2A
1A
0.25V
1A
0.55V
3.8V
4.1V
Without Load Balancing
4.25V, 2A
0.9A
0.25V
1.1A
0.35V
3.9V
4V
With Load Balancing
+/-10% Max.
Change
Figure 13: Load Balancing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com