Electronic Components Datasheet Search
  English  ▼

X  

LTC4229 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4229
Description  Single Ideal Diode and Hot Swap Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 2 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2060af
DEMO MANUAL DC2060A
operating principles
The LTC4229 functions as an ideal diode with inrush cur-
rent limiting and overcurrent protection by controlling two
external N-channel MOSFETs (Q2 and Q3) in a power path.
AllcomponentdesignatorsrefertotheDC2060Aschematic.
AninternalchargepumpprovidesenergyforbothMOSFET
gate drivers through their individual current sources. Each
MOSFET has an ON/OFF control: Q2 with DOFF pin signal
(JP9) and Q3 with EN pin signal (JP7).
The LTC4229 regulates the voltage between the IN pin
and the diode sense pin (DSNS), so the DSNS connec-
tion defines the power path node in which the ideal diode
regulates the voltage. There is an option (JP2) to connect
the DSNS pin to Q2 drain or to the OUT node. Selection
of this connection should be accompanied by a suitable
signal at the DCFG pin. The proper signal is reached by
placing the shunt of the jumper DC_CFG(JP8) in the
proper position.
Table 1 demonstrates possible power path topologies
for DC2060A and conditions necessary to achieve them.
The LTC4229 precision comparators are used to monitor
the input voltage for both UV and OV conditions. Enabling
the ideal diode functionality with the DOFF pin (low) forces
the ideal diode gate drive amplifier to monitor the voltage
between the IN and DSNS pins. Sensing the large forward
voltage drop, the gate drive amplifier quickly pulls up
DGATE turning the ideal diode MOSFET on.
Highpull-upcurrentoftheidealdiodeMOSFETguarantees
minimum voltage droop during supply switchover and a
short turn-on time.
Enabling the Hot Swap control with the EN pin (low)
initiates a debounce time interval, which can be fixed at
100ms, or 8.9ms to 17.5ms set by the capacitor C9 on
the DTMR pin.
The foldback current limit and electronic circuit breaker of
the Hot Swap MOSFET protect the input rail against short
circuit faults and excessive load.
After the debounce time, a 10µA current source from the
chargepumprampsuptheHGATEpin.WhentheHotSwap
MOSFET Q3 turns on, the maximum current is limited to
a level set by an external sense resistor RS1 (or RS2 in
the optional application with Q4 MOSFET).
When both MOSFETs Q2 and Q3 (or Q4 and Q5 in the
optionalapplication)areturnedon,thegatedriveamplifier
controls DGATE to servo the forward voltage drop across
the MOSFET Q2 (or both MOSFETs and sense resistor)
to 65mV. If the load current causes more than 65mV of
voltage drop, the gate voltage rises to enhance the ideal
diode MOSFET.
If the MOSFETs are conducting, and an input supply is
shorted,alargereversecurrentstartsflowingfromtheload
to the input. The gate drive amplifier detects this failure
condition as soon as it appears and turns the ideal diode
MOSFETQ2off,bypullingdowntheDGATEpin.TheHGATE
pin continues pulling high and keeps the MOSFET Q3 on.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com