Electronic Components Datasheet Search
  English  ▼

X  

MP3801 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3801
Description  190Vpp High Voltage EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3801 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3801 Datasheet HTML 1Page - Monolithic Power Systems MP3801 Datasheet HTML 2Page - Monolithic Power Systems MP3801 Datasheet HTML 3Page - Monolithic Power Systems MP3801 Datasheet HTML 4Page - Monolithic Power Systems MP3801 Datasheet HTML 5Page - Monolithic Power Systems MP3801 Datasheet HTML 6Page - Monolithic Power Systems MP3801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP3801
190Vpp High Voltage
EL Lamp Driver
MP3801 Rev. 1.0
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3801 is a high output voltage, DC to AC
converter
designed
for
driving
Electroluminescent (EL) lamps of up to 5 square
inches. The device operates from an input
voltage range of 2.5V to 5.5V, making it suitable
for
1-cell
Li-Ion
and
2
or
3-cell
alkaline/NiCad/NiMH battery applications. The
device uses a single inductor and a minimum
number of passive components. The MP3801
converts a low-voltage DC input to a ±95V
regulated output voltage that drives the EL lamp.
The MP3801 is comprised of two stages: a boost
stage and a H-bridge lamp driver stage. The
boost stage converts the input voltage up to 95V.
The H-bridge stage alternately switches the 95V
to each terminal of the EL lamp.
The
MP3801
has
two
separate
internal
oscillators for the boost and H-bridge stages.
The frequency of each oscillator is set
independently
via
external
resistors.
This
flexibility allows the EL lamp circuit to be
optimized for maximum performance. Also, the
IC can be enabled /disabled by connecting these
two resistors to VDD/GND.
The MP3801 is available in an 8-pin MSOP
package.
FEATURES
• 2.5V to 5.5V DC Input Voltage
• 190VPP Regulated AC Output Waveform
• Single Cell Lithium-Ion Compatible
• 10nA Shutdown Current
• Adjustable EL Lamp Frequency
• Adjustable Converter Frequency
• Available in MSOP-8
• Split Supply Capability
APPLICATIONS
• Portable Multimedia Players
• LCD Backlighting
• PDAs
• Handheld Wireless Communication
• Mobile Phones
• Remote Controls
• Global Positioning Systems (GPS)
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3801
VDD
VA
VB
CS
LX
RSW_OSC
REL_OSC
GND
8
7
6
5
1
2
3
4
EL LAMP
BAS21
VIN
COUT
3.3nF
100V
EN
OFF ON


Similar Part No. - MP3801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3802 MPS-MP3802 Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
MP3802DH MPS-MP3802DH Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
logo
List of Unclassifed Man...
MP380D4 ETC2-MP380D4 Datasheet
317Kb / 12P
SOLID-STATE RELAYS
logo
Opto Electronics Co,. L...
MP380D4 E-OEC-MP380D4 Datasheet
753Kb / 23P
Solid-State Relays
logo
Opto 22
MP380D4 OPTO22-MP380D4 Datasheet
753Kb / 23P
Solid-State Relays
More results

Similar Description - MP3801

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com