Electronic Components Datasheet Search
  English  ▼

X  

MP3802 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3802
Description  240Vpp High Voltage EL Lamp Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3802 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3802 Datasheet HTML 1Page - Monolithic Power Systems MP3802 Datasheet HTML 2Page - Monolithic Power Systems MP3802 Datasheet HTML 3Page - Monolithic Power Systems MP3802 Datasheet HTML 4Page - Monolithic Power Systems MP3802 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MP3802 – 240VPP HIGH VOLTAGE EL LAMP DRIVER
MP3802 Rev. 0.91
www.MonolithicPower.com
3
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Supply Voltage.
2
RSW_OSC
Boost Converter Frequency Setting Pin. Refer the frequency setting curve in the typical
performance characteristics.
3
REL_OSC EL Driver Frequency Setting Pin. Roughly, fEL=
EL
R
240Hz
1.7MΩ
×
4
GND
Ground. Connect the exposed pad to this pin.
5
LX
Boost Converter Switching Pin. This pin connects to the N-Channel MOSFET drain.
6
CS
Boost Converter Output. Put a 150V, NPO ceramic capacitor at this pin to stone the energy
transferred from the inductor.
7
VB
Output Voltage B on EL Device.
8
VA
Output Voltage A on EL Device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com