Electronic Components Datasheet Search
  English  ▼

X  

MP5017 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5017
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5017 Datasheet HTML 1Page - Monolithic Power Systems MP5017 Datasheet HTML 2Page - Monolithic Power Systems MP5017 Datasheet HTML 3Page - Monolithic Power Systems MP5017 Datasheet HTML 4Page - Monolithic Power Systems MP5017 Datasheet HTML 5Page - Monolithic Power Systems MP5017 Datasheet HTML 6Page - Monolithic Power Systems MP5017 Datasheet HTML 7Page - Monolithic Power Systems MP5017 Datasheet HTML 8Page - Monolithic Power Systems MP5017 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP5017
3V-.5.5V, 1A – 5A Current Limit Switch with
Over-Voltage Clamp and Reverse Blocking
in 2mmx3mm QFN Package
MP5017 Rev.1.0
www.MonolithicPower.com
1
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5017 is a protection device designed to
protect circuitry on the output from transients
from the input. Also, it protects the input from
unwanted shorts and transients coming from
the output.
During start-up, the inrush current is controlled
by limiting the slew rate at the output. The slew
rate is controlled with a small capacitor at
DV/DT.
The maximum load at the output is current
limited. The magnitude of the current limit is
controlled by an external resistor from ILIMIT to
GND. By controlling the gate voltages with a
pair of N-channel MOSFETs, any current
flowing from the output to the input is blocked.
Under-voltage lockout (UVLO) ensures that the
input is above the minimum operating threshold
before the power device is turned on. If the
input voltage rises above 5.8V, the output
voltage is limited quickly to 5.8V. SAS/OV is
used to program the input over-voltage
protection threshold.
Fault is an open-drain output that reports a fail
mode (low level) when any over-current, over-
temperature, or output over-voltage is detected.
The MP5017 is available in a QFN-12
(2mmx3mm) package.
FEATURES
• 3V to 5.5V Continuous Operating Input
Range
• 16V Absolute Maximum Input Voltage
• Output Discharge
• SAS/OV Disable to Support DEVSLP or
POWER_DOWN
• 5.8V Fast Output OVP Response
• Reverse Current Blocking
• Integrated 45mΩ RDS(ON) Power FET
• Adjustable Current-Limit through ILIMIT
• 210μA Low Quiescent Current
• Programmable Soft-Start Time through
DV/DT
• Fast Response for Hard-Short Protection
• Fault Indication for Over-Current, Over-
Temperature, and Output Over-Voltage
• OTP Auto-Retry with 76ms Recovery
Delay
• Available in a QFN-12 (2mmx3mm)
Package
APPLICATIONS
• HDD and SSD
• Hot Swap
• Wireless Modem Data Cards
• PC Cards
• USB Power Distribution
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5017

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP501 MCC-MP501 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP501 LRC-MP501 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP501 SHUNYE-MP501 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP5017

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch
MP5016 MPS-MP5016 Datasheet
1Mb / 16P
2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
MP5018 MPS-MP5018 Datasheet
563Kb / 15P
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
logo
Kinetic Technologies.
KTS1688 KINETIC-KTS1688 Datasheet
405Kb / 11P
Low Resistance Load Switch with Current Limit Control and Over-Voltage Reverse Blocking Protection
September 2020 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com