Electronic Components Datasheet Search
  English  ▼

X  

XRT7296IP Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT7296IP
Description  INTEGRATED LINE TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7296IP Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT7296IP Datasheet HTML 6Page - Exar Corporation XRT7296IP Datasheet HTML 7Page - Exar Corporation XRT7296IP Datasheet HTML 8Page - Exar Corporation XRT7296IP Datasheet HTML 9Page - Exar Corporation XRT7296IP Datasheet HTML 10Page - Exar Corporation XRT7296IP Datasheet HTML 11Page - Exar Corporation XRT7296IP Datasheet HTML 12Page - Exar Corporation XRT7296IP Datasheet HTML 13Page - Exar Corporation XRT7296IP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRT7296

 
E3 SIGNAL REQUIREMENTS
1 "%)       ,+ 1 / . 
 /   5" Figure 6 12 1 
,+ ; >, /   5"  
Table 6
12 1 ,+  /./  
Figure 6. CCITT G.703 Pulse Mark at the 34,368-kbit/s Interface

% 
'&& D &&(
*&!


 
'&& * &(



&

<




" 
'&& D &(
!)& 
'&& * &%(
&& 
& 
'&& D %%&(
7 + ,+
Parameter
Value
0,+ 1'7 ++- /  ,+(
++ ; .  +  + , / *
. 2 1 1 ; 'see Figure 6(
 /  . 1 
0'( /1 / 
= /A+ 
    /
"&  
7 + 0; <+  .  @; '0,+(
<
0; <+  .   / '7 0,+(
< ± <
7 + 0,+ 8 1
&& 
  . 1  + , . 0    7  0,+  1   .  0,+
+
%&  &
  . 1 8 1 . 0    7  0,+  1 7 + :+.  + ,
%&  &
Table 6. E3 Pulse Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com