Electronic Components Datasheet Search
  English  ▼

X  

MP5073 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5073
Description  5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5073 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5073 Datasheet HTML 1Page - Monolithic Power Systems MP5073 Datasheet HTML 2Page - Monolithic Power Systems MP5073 Datasheet HTML 3Page - Monolithic Power Systems MP5073 Datasheet HTML 4Page - Monolithic Power Systems MP5073 Datasheet HTML 5Page - Monolithic Power Systems MP5073 Datasheet HTML 6Page - Monolithic Power Systems MP5073 Datasheet HTML 7Page - Monolithic Power Systems MP5073 Datasheet HTML 8Page - Monolithic Power Systems MP5073 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP5073
5.5V, 2A Low RDSON Load Switch
With Programmable Current Limit
MP5073 Rev. 1.2
www.MonolithicPower.com
1
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5073 provides up to 2A load protection
over a 0.5V to 5.5V voltage range. With the
small RDSON in tiny package, MP5073 is a very
high efficiency and space saving solution for
notebooks, tablets, and other portable/battery-
operated applications.
With the soft start function, the MP5073 can
avoid inrush current during circuit start up.
MP5073 also provides programmable soft start
time, output discharge functions, OCP and
thermal shutdown features.
The max load at the output (source) is current
limited. This is accomplished by utilizing a
sense FET topology. The magnitude of the
current limit is controlled by an external resistor
from the ILIM pin to ground.
An internal charge pump drives the gate of the
power device, allowing a very low on-resistance
DMOS power FET of just 5
0mΩ.
The MP5073 is available in a tiny 12-pin 2mmx2mm
QFN
package.
FEATURES
 Integrated 50mΩ Low RDSON FETs
 Adjustable Start Up Slew Rate
 Wide VIN Range from 0.5V to 5.5V
 <1µA Shutdown Current
 Typical 2A Current Limit Range
 Power Good Indicator
 Output Discharge function
 Enable Pin
 <200ns Short-Circuit Protection Response
Time
 Thermal Protection
 Small QFN-12 (2mmx2mm) Package for
Space Saving
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drives
 Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5073

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF MPS-MP5075GTF Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF-P MPS-MP5075GTF-P Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075L MPS-MP5075L Datasheet
748Kb / 12P
5.5V, 1A, Low RDS(ON) Load Switch
MP5075LGTF MPS-MP5075LGTF Datasheet
748Kb / 12P
5.5V, 1A, Low RDS(ON) Load Switch
More results

Similar Description - MP5073

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com