Electronic Components Datasheet Search
  English  ▼

X  

MP5077 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5077
Description  5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5077 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5077 Datasheet HTML 1Page - Monolithic Power Systems MP5077 Datasheet HTML 2Page - Monolithic Power Systems MP5077 Datasheet HTML 3Page - Monolithic Power Systems MP5077 Datasheet HTML 4Page - Monolithic Power Systems MP5077 Datasheet HTML 5Page - Monolithic Power Systems MP5077 Datasheet HTML 6Page - Monolithic Power Systems MP5077 Datasheet HTML 7Page - Monolithic Power Systems MP5077 Datasheet HTML 8Page - Monolithic Power Systems MP5077 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5077
5.5V, 7A, Low RDSON Load Switch
With Programmable Current Limit
MP5077 Rev. 1.01
www.MonolithicPower.com
1
6/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5077 provides up to 7A load protection
over a 0.5V to 5.5V voltage range. With the
small RDSON in tiny package, MP5077 is a very
high efficiency and space saving solution for
notebooks, tablets, and other portable/battery-
operated applications.
With the soft start function, the MP5077 can
avoid inrush current during circuit start up.
MP5077 also provides programmable soft start
time, output discharge functions, OCP and
thermal shutdown features.
The maximum load at the output (source) is
current limited. This is accomplished by utilizing
a sense FET topology. The magnitude of the
current limit is controlled by an external resistor
from the ILIM pin to ground.
An internal charge pump drives the gate of the
power device, allowing a very low on-resistance
DMOS power FET of just 10mΩ.
The MP5077 is available in a tiny 12-pin
2mmx2mm QFN package.
FEATURES
• Integrated 10mΩ Low RDSON FETs
• Adjustable Start Up Slew Rate
• Wide VIN Range from 0.5V to 5.5V
• <1μA Shutdown Current
• Programmable 7A Current Limit Range
• Output Discharge Function
• Enable Pin
• <200ns Short-Circuit Protection Response
Time
• Thermal Protection
• Small 2mmx2mm QFN Package for
Space Saving
APPLICATIONS
• Notebook and Tablet Computers
• Portable Devices
• Solid State Drives
• Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
C3
C2
C4
R1
GND
VCC
VIN
EN
SS
ILIM
VOUT
MP5077
EN
>3V
0.5V to 5.5V
0.5V to 5.5V


Similar Part No. - MP5077

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5073GG MPS-MP5073GG Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF MPS-MP5075GTF Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075GTF-P MPS-MP5075GTF-P Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
More results

Similar Description - MP5077

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com