Electronic Components Datasheet Search
  English  ▼

X  

CA16372 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16372
Description  ~90째 beam. Assembly with installation tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16372 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16372 Datasheet HTML 1Page - Ledil, Inc. CA16372 Datasheet HTML 2Page - Ledil, Inc. CA16372 Datasheet HTML 3Page - Ledil, Inc. CA16372 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA16372_HB-SQ-WWW
HB-SQ-WWW
~90° beam. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25x 25 mm
Height
10 mm
Fastening
tape, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8.9 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-SQ-WWW
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 23/04/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16372

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
~60째 beam. Assembly with installation tape
More results

Similar Description - CA16372

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15584 LEDIL-CA15584 Datasheet
2Mb / 4P
~340째 decorative beam. Assembly with installation tape.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
~60째 beam. Assembly with installation tape
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
Asymmetric beam. Assembly with installation tape.
CA16435 LEDIL-CA16435 Datasheet
1Mb / 6P
Asymmetric beam. Assembly with installation tape.
FA11948 LEDIL-FA11948 Datasheet
2Mb / 7P
~90째 160째 wide beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
Side emitter beam. Assembly with installation tape.
FA16987 LEDIL-FA16987 Datasheet
3Mb / 4P
~20째 medium beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com