Electronic Components Datasheet Search
  English  ▼

X  

PLC-V8/D15S/IN Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-V8/D15S/IN
Description  Solid-state relay module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-V8/D15S/IN Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-V8/D15S/IN Datasheet HTML 1Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 2Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 3Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 4Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 5Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 6Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 7Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 8Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967565
05/25/2018   Page 2 / 11
Solid-state relay module - PLC-OSP-230UC/ 48DC/100 - 2967565
Technical data
Dimensions
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Input data
Nominal input voltage UN
230 V AC
220 V DC
Input voltage range in reference to UN
0.9 ... 1.1
Input voltage range
207 V AC ... 253 V AC
198 V DC ... 242 V DC
Switching threshold "0" signal in reference to UN
≤ 0.3
Switching threshold "1" signal in reference to UN
≥ 0.8
Typical input current at UN
3.5 mA
Typical response time
3 ms (at UN)
Typical turn-off time
5 ms (at UN)
Type of protection
Bridge rectifier
Protective circuit/component
Bridge rectifier
Transmission frequency
10 Hz
Power dissipation for nominal condition
0.81 W
Output data
Output voltage range
3 V DC ... 48 V DC
Limiting continuous current
100 mA
Voltage drop at max. limiting continuous current
≤ 1 V
Output circuit
2-wire, floating
Type of protection
Reverse polarity protection
Surge protection
Protective circuit/component
Polarity protection diode
Connection data, input side
Connection name
Input side
Connection method
Spring-cage connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data, output side
Connection name
Output side
Connection method
Spring-cage connection
Stripping length
8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com