Electronic Components Datasheet Search
  English  ▼

X  

PLC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC
Description  Accessories for the PLC INTERFACE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC Datasheet HTML 1Page - PHOENIX CONTACT PLC Datasheet HTML 2Page - PHOENIX CONTACT PLC Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLC ACCESSORIES
103153_00_en
3
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49 - 52 35 - 30 0 • Fax: +49 - 52 35 - 34 12 00
www.phoenixcontact.com
Technical Data
© PHOENIX CONTACT 02/2007
Power Terminal Block
Description
Type
Order No.
Pcs./Pck.
Power terminal block, to supply up to four potentials,
same shape as the PLC INTERFACE series
Gray PLC ESK GY
2966508
5
Plug-In Bridges
Description
Type
Order No.
Pcs./Pck.
Continuous plug-in bridge, 500 mm long, insulated,
can be cut to any length, for potential distribution with
PLC..., Imax = 32 A
Red
Blue
Gray
FBST 500-PLC RD
FBST 500-PLC BU
FBST 500-PLC GY
2966786
2966692
2966838
20
20
20
Plug-in bridge, 2-pos., 6 mm long, insulated, for potential
distribution with PLC..., Imax = 6 A
Red
Blue
Gray
FBST 6-PLC RD
FBST 6-PLC BU
FBST 6-PLC GY
2966236
2966812
2966825
50
50
50
Plug-in bridge, 2-pos., 8 mm long, insulated, for potential
distribution with insulating plate
Gray FBST 8-PLC GY
2967688
50
Plug-in bridge, 2-pos., 14 mm long, insulated, for potential
distribution
Black FBST 14-PLC BK
2967691
50
Insulating Plate
Description
Type
Order No.
Pcs./Pck.
Insulating plate, 2 mm thick, to be installed at the start and end of every PLC
terminal strip. For the visual separation of groups, safe isolation of different
voltages from adjacent PLC INTERFACE modules according to
DIN EN 50178/VDE 0160, isolation of adjacent bridges with different
potentials, isolation of PLC INTERFACE modules for voltages greater than
250 V. Color: black
PLC ATP BK
2966841
25
Feed-Through Bridge
Description
Type
Order No.
Pcs./Pck.
Passive feed-through bridge, can be inserted instead of a
relay or solid-state relay, bridges terminal points A1 and 14
Black PLC BP (A1-A14)
2980283
1
Screwdriver
Description
Type
Order No.
Pcs./Pck.
Bladed type screwdriver, blade: 0.6 x 3.5 x 100 mm, length 180 mm
SZF 1-0,6X3,5
1204517
10
PLC-ESK Power Terminal Block
Nominal input voltage1
250 V AC, maximum
Total current
32 A, maximum
Connection type
Screw connection
Conductor cross section (solid and stranded)
0.2 mm2 ... 4 mm2
Stripping length
10 mm
Dimensions (W x H x D)
9 mm x 94 mm x 80 mm
Housing material
Polyamide PA, color: gray
1 The PLC-ATP BK insulating plate must be installed for voltages greater than 250 V (L1, L2, L3) between the same terminal points on adjacent modules
(see "Insulating Plate"). FBST 8-PLC... or FBST 500... is then used for potential bridging.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com