Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S021
Description  Single Channel, 500 kSPS, 8-Bit A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S021 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC101S021 Datasheet HTML 1Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADC081S051 Converter Electrical Characteristics (Note 9) (Continued)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 4 MHz to 10 MHz,
f
SAMPLE = 200 kSPS to 500 kSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
AC ELECTRICAL CHARACTERISTICS
t
QUIET
(Note 10)
50
ns (min)
t
AD
Aperture Delay
3
ns
t
AJ
Aperture Jitter
30
ps
ADC081S051 Timing Specifications
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 4 MHz to 10 MHz,
f
SAMPLE = 200 kSPS to 500 kSPS, Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
t
CS
Minimum CS Pulse Width
10
ns (min)
t
SU
CS to SCLK Setup Time
10
ns (min)
t
EN
Delay from CS Until SDATA TRI-STATE®
Disabled (Note 11)
20
ns (max)
t
ACC
Data Access Time after SCLK Falling Edge
(Note 12)
V
A = +2.7 to +3.6
40
ns (max)
V
A = +4.75 to +5.25
20
ns (max)
t
CL
SCLK Low Pulse Width
0.4 x
t
SCLK
ns (min)
t
CH
SCLK High Pulse Width
0.4 x
t
SCLK
ns (min)
t
H
SCLK to Data Valid Hold Time
V
A = +2.7 to +3.6
7
ns (min)
V
A = +4.75 to +5.25
5
ns (min)
t
DIS
SCLK Falling Edge to SDATA High
Impedance (Note 13)
V
A = +2.7 to +3.6
25
ns (max)
6
ns (min)
V
A = +4.75 to +5.25
25
ns (max)
5
ns (min)
t
POWER-UP
Power-Up Time from Full Power-Down
1
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to 10 mA. The 20
mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two. The Absolute
Maximum Rating specification does not apply to the VA pin. The current into the VA pin is limited by the Analog Supply Voltage specification.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/θJA. The values
for maximum power dissipation listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through zero ohms
Note 6: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: This is the frequency range over which the electrical performance is guaranteed. The device is functional over a wider range which is specified under
Operating Ratings.
Note 9: Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 10: Minimum Quiet Time required by Bus relinquish and start of the next conversion.
Note 11: Measured with the timing test circuit shown in Figure 1 and defined as the time taken by the output signal to cross 1.0V.
Note 12: Measured with the timing test circuit shown in Figure 1 and defined as the time taken by the output signal to cross 1.0V or 2.0V.
Note 13: tDIS is derived from the time taken by the output to change by 0.5V with the timing test circuit shown in Figure 1. The measured number is then adjusted
to remove the effects of charging or discharging the 25 pF capacitor. This means that tDIS is the true bus relinquish time, independent of the bus loading.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com