Electronic Components Datasheet Search
  English  ▼

X  

SFH-221 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-221
Description  Silicon Dual Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-221 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-221 Datasheet HTML 1Page - OSRAM GmbH SFH-221 Datasheet HTML 2Page - OSRAM GmbH SFH-221 Datasheet HTML 3Page - OSRAM GmbH SFH-221 Datasheet HTML 4Page - OSRAM GmbH SFH-221 Datasheet HTML 5Page - OSRAM GmbH SFH-221 Datasheet HTML 6Page - OSRAM GmbH SFH-221 Datasheet HTML 7Page - OSRAM GmbH SFH-221 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-09-16
1
2016-09-16
Silicon Dual Photodiode
Version 1.4
SFH 221
Ordering Information
Features:
•
Especially suitable for applications from 400 nm to 1100 nm
•
High photosensitivity
•
Hermetically sealed metal package (similar to TO-5), suitable up to 125 °C
•
Double diode with extremely high homogeneousness
Applications
•
Industrial electronics
•
For control and drive circuits
•
Edge drives
•
Follow-up control
Type:
Ordering Code
SFH 221
Q62702P0270
Note::
For operating conditions of TA > 85 °C please contact us.


Similar Part No. - SFH-221

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
SFH-2240 OSRAM-SFH-2240 Datasheet
494Kb / 13P
Silicon Photodiode with V貫 Characteristic
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results

Similar Description - SFH-221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ312D PANASONIC-PNZ312D Datasheet
49Kb / 2P
Dual Division Silicon PIN Photodiode
logo
PerkinElmer Optoelectro...
VTP1332 PERKINELMER-VTP1332 Datasheet
279Kb / 2P
SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW20RF VISHAY-BPW20RF_08 Datasheet
140Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_08 Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW21R VISHAY-BPW21R_11 Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
logo
OSRAM GmbH
SFH2440 OSRAM-SFH2440 Datasheet
486Kb / 12P
Silicon Photodiode
SFH221 OSRAM-SFH221 Datasheet
565Kb / 8P
Silicon Dual Photodiode
logo
Vishay Siliconix
BPW21R VISHAY-BPW21R_V01 Datasheet
133Kb / 5P
Silicon Photodiode
23-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com