Electronic Components Datasheet Search
  English  ▼

X  

SFH-229 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-229
Description  Silicon PIN Photodiode with very short switching time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-229 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-229 Datasheet HTML 1Page - OSRAM GmbH SFH-229 Datasheet HTML 2Page - OSRAM GmbH SFH-229 Datasheet HTML 3Page - OSRAM GmbH SFH-229 Datasheet HTML 4Page - OSRAM GmbH SFH-229 Datasheet HTML 5Page - OSRAM GmbH SFH-229 Datasheet HTML 6Page - OSRAM GmbH SFH-229 Datasheet HTML 7Page - OSRAM GmbH SFH-229 Datasheet HTML 8Page - OSRAM GmbH SFH-229 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Silicon PIN Photodiode with very short switching time
Version 1.3
SFH 229
Ordering Information
Features:
•
Especially suitable for applications from 380 nm to 1100 nm
•
Short switching time (typ. 10 ns)
•
3 mm LED plastic package
•
Also available on tape and reel
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
I
P [µA]
V
R = 5 V, Std. Light A, EV =
1000 lx
SFH 229
28 (≥ 18)
Q62702P0215


Similar Part No. - SFH-229

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-229-FA OSRAM-SFH-229-FA Datasheet
287Kb / 9P
Silicon PIN Photodiode with very short switching time
More results

Similar Description - SFH-229

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH203P SIEMENS-SFH203P Datasheet
223Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH216 SIEMENS-SFH216 Datasheet
200Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH229 SIEMENS-SFH229 Datasheet
250Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2801 SIEMENS-SFH2801 Datasheet
69Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
logo
OSRAM GmbH
SFH2400 OSRAM-SFH2400 Datasheet
127Kb / 5P
Silicon PIN Photodiode with Very Short Switching Time
SFH2500 OSRAM-SFH2500 Datasheet
275Kb / 7P
Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
SFH229FA OSRAM-SFH229FA Datasheet
287Kb / 9P
Silicon PIN Photodiode with very short switching time
SFH229 OSRAM-SFH229 Datasheet
451Kb / 9P
Silicon PIN Photodiode with very short switching time
SFH-229-FA OSRAM-SFH-229-FA Datasheet
287Kb / 9P
Silicon PIN Photodiode with very short switching time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com