Electronic Components Datasheet Search
  English  ▼

X  

SFH-4236 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-4236
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4236 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-4236 Datasheet HTML 5Page - OSRAM GmbH SFH-4236 Datasheet HTML 6Page - OSRAM GmbH SFH-4236 Datasheet HTML 7Page - OSRAM GmbH SFH-4236 Datasheet HTML 8Page - OSRAM GmbH SFH-4236 Datasheet HTML 9Page - OSRAM GmbH SFH-4236 Datasheet HTML 10Page - OSRAM GmbH SFH-4236 Datasheet HTML 11Page - OSRAM GmbH SFH-4236 Datasheet HTML 12Page - OSRAM GmbH SFH-4236 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2012-03-27
10
Version 1.0
SFH 4236
Achtung
Anode und Heatsink sind elektrisch verbunden
Reflow Soldering Profile
Reflow-Lötprofil
Preconditioning: JEDEC Level 2 acc. to JEDEC J-STD-020D.01
Note:
Package is not suitable for ultra sonic cleaning
Anm.:
Das Gehäuse ist für Ultraschallreinigung nicht
geeignet
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com