Electronic Components Datasheet Search
  English  ▼

X  

SFH-4239 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH-4239
Description  High Power Infrared Emitter (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4239 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH-4239 Datasheet HTML 5Page - OSRAM GmbH SFH-4239 Datasheet HTML 6Page - OSRAM GmbH SFH-4239 Datasheet HTML 7Page - OSRAM GmbH SFH-4239 Datasheet HTML 8Page - OSRAM GmbH SFH-4239 Datasheet HTML 9Page - OSRAM GmbH SFH-4239 Datasheet HTML 10Page - OSRAM GmbH SFH-4239 Datasheet HTML 11Page - OSRAM GmbH SFH-4239 Datasheet HTML 12Page - OSRAM GmbH SFH-4239 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Version 1.0
SFH 4239
2012-12-03
9
Recommended Solder Pad
Empfohlenes Lötpaddesign
Dimensions in mm (inch). / Maße in mm (inch).
Attention
Anode and Heatsink are electrically connected
Solder resist
Bare Copper
Freies Kupfer
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHPY3638
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)
1 (0.039)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com