Electronic Components Datasheet Search
  English  ▼

X  

XHF-252 Datasheet(PDF) 5 Page - Mini-Circuits

Part # XHF-252
Description  High Pass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

XHF-252 Datasheet(HTML) 5 Page - Mini-Circuits

  XHF-252 Datasheet HTML 1Page - Mini-Circuits XHF-252 Datasheet HTML 2Page - Mini-Circuits XHF-252 Datasheet HTML 3Page - Mini-Circuits XHF-252 Datasheet HTML 4Page - Mini-Circuits XHF-252 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
XHF-252+
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Figure 1. IF output reflection spectrum without filter
Figure 3. IF output reflection spectrum with reflectionless filter
Figure 2. IF output reflection spectrum with conventional filter
Test block diagram: IF output reflection spectrum with single input frequency
Application Circuit Example
Pairing mixers with reflectionless filters to improve system dynamic range
Test block diagram: IF output reflection spectrum with single input frequency
Reflectionless Filter Application Note
An application circuit was assembled to measure the IF reflection
spectrum at the output of a mixer when the mixer was paired with a
conventional filter versus a reflectionless filter.
While the conventional filter reduces the reflections present when
the mixer is used alone (no filter), the reflectionless filter virtually
eliminates those reflections altogether.
The reflected signal at marker 1 in the figures above exhibits a
reduction of more than 20 dB from -28.7 dBm to -50.3 dBm when
the reflectionless filter is used as compared to the conventional filter,
thus eliminating unwanted spurious mixing products and improving-
system dynamic range.
For more information, refer to application note AN-75-007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com