Electronic Components Datasheet Search
  English  ▼

X  

SFH-4273 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH-4273
Description  Rote Lumineszenzdiode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4273 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH-4273 Datasheet HTML 1Page - OSRAM GmbH SFH-4273 Datasheet HTML 2Page - OSRAM GmbH SFH-4273 Datasheet HTML 3Page - OSRAM GmbH SFH-4273 Datasheet HTML 4Page - OSRAM GmbH SFH-4273 Datasheet HTML 5Page - OSRAM GmbH SFH-4273 Datasheet HTML 6Page - OSRAM GmbH SFH-4273 Datasheet HTML 7Page - OSRAM GmbH SFH-4273 Datasheet HTML 8Page - OSRAM GmbH SFH-4273 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SFH 4273
2007-06-18
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF) single pulse, tp = 20 µs
Radiation Characteristics
I
rel = f (ϕ)
λ
OHR01869
0
rel
Ι
600
20
40
60
80
%
100
nm
650
700
750
V
OHR01871
F
F
Ι
0
3
10
2
10
1
10
10
0
mA
V
1
2
3
4
5
6
7
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
Radiant Intensity
I
e/Ie(50mA) = f (IF)
Single pulse,
t
p = 20 µs
Permissible Pulse Handling
Capability
I
F = f (tp), TA = 25 °C
duty cycle
D = parameter
OHR01870
10 0
Ι
F
1
10
2
10
10 3
mA
-2
10
10 -1
10 0
10 1
10 2
Ι
e 50 mA
e
Ι
t
OHR01872
P
10
-5
s
Ι
F
10
-4
10
-3
10
-2
10
-1
10
1
10
T
t P
D =
t P
T
Ι
F
D =
0.005
0.01
0.02
0.05
mA
4
10
10
3
10
2
1
10
DC
0.5
0.2
0.1
Max. Permissible Forward Current
I
F = f (TA)
T
OHR01461
A
0
F
Ι
0
20
40
60
80
100
˚C
20
40
60
80
100
120
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com