Electronic Components Datasheet Search
  English  ▼

X  

SFH-5410 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-5410
Description  IR-Empf채nger f체r Fernbedienungen
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5410 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-5410 Datasheet HTML 1Page - OSRAM GmbH SFH-5410 Datasheet HTML 2Page - OSRAM GmbH SFH-5410 Datasheet HTML 3Page - OSRAM GmbH SFH-5410 Datasheet HTML 4Page - OSRAM GmbH SFH-5410 Datasheet HTML 5Page - OSRAM GmbH SFH-5410 Datasheet HTML 6Page - OSRAM GmbH SFH-5410 Datasheet HTML 7Page - OSRAM GmbH SFH-5410 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008-10-06
2
SFH 5410
Typ
Type
Trägerfrequenz
Carrier Frequency
kHz
Bestellnr.
Ordering Code
SFH 5410-36
36
Q65110A1727
SFH 5410-38
38
Q65110A3909
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Betriebsspannung
Supply voltage
V
CC
6.3
V
Ausgangsspannung
Output voltage
V
OUT
6.3
V
Ausgangsstrom
Output current
I
OUT
3
mA
Verlustleistung
Total power dissipation,
T
A ≤ 85 °C
P
tot
50
mW
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Betriebstemperatur
Operating temperature
T
op
– 40
–
85
°C
Betriebsspannung
Supply Voltage
V
cc
4.5
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com