Electronic Components Datasheet Search
  English  ▼

X  

SFH-7060 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH-7060
Description  BioMon Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7060 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH-7060 Datasheet HTML 9Page - OSRAM GmbH SFH-7060 Datasheet HTML 10Page - OSRAM GmbH SFH-7060 Datasheet HTML 11Page - OSRAM GmbH SFH-7060 Datasheet HTML 12Page - OSRAM GmbH SFH-7060 Datasheet HTML 13Page - OSRAM GmbH SFH-7060 Datasheet HTML 14Page - OSRAM GmbH SFH-7060 Datasheet HTML 15Page - OSRAM GmbH SFH-7060 Datasheet HTML 16Page - OSRAM GmbH SFH-7060 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Version 1.1
SFH7060
2016-04-20
13
Diagrams for green emitters
Relative spectral emission
1)
I
rel = f(), TA = 25 °C, IF = 20 mA
Forward current
1)
I
F = f(VF), TA= 25°C
Relative radiant flux
1)
e /e(20 mA) = f(IF), single pulse, tp = 25µs, TA= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com