Electronic Components Datasheet Search
  English  ▼

X  

SFH-7779 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7779 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-7779 Datasheet HTML 4Page - OSRAM GmbH SFH-7779 Datasheet HTML 5Page - OSRAM GmbH SFH-7779 Datasheet HTML 6Page - OSRAM GmbH SFH-7779 Datasheet HTML 7Page - OSRAM GmbH SFH-7779 Datasheet HTML 8Page - OSRAM GmbH SFH-7779 Datasheet HTML 9Page - OSRAM GmbH SFH-7779 Datasheet HTML 10Page - OSRAM GmbH SFH-7779 Datasheet HTML 11Page - OSRAM GmbH SFH-7779 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
2016-04-25
8
Version 1.2
SFH 7779
1)
Example of PS Hysteresis
The switching distance h is specified from top sensor surface to the reflector.
Typical none detection distance 1)
KODAK grey card 100x130mm², R=90%
(ILED=200mA, VDD=2.5V, Ev = 0lx
low threshold = 8 counts)
hoff
12
cm
PS sensor output with human skin reflector
(ILED=200mA, VDD=2.5V, h=0mm: skin directly
on top of the sensor)
PSout
850
counts
Temperature coefficient of the PS signal
(ILED=200mA, VDD=2.5V, R=90%,
AReflector =10x13cm², h=4cm)
TKPS
0.15
%/K
SFH 7779
Reflector:
(Kodak grey card R=90%)
h
Reflector
distance h
INT voltage
h_off
h_on
h,HYS
HIGH
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com