Electronic Components Datasheet Search
  English  ▼

X  

SFH-9540 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-9540
Description  Slotted Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9540 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-9540 Datasheet HTML 1Page - OSRAM GmbH SFH-9540 Datasheet HTML 2Page - OSRAM GmbH SFH-9540 Datasheet HTML 3Page - OSRAM GmbH SFH-9540 Datasheet HTML 4Page - OSRAM GmbH SFH-9540 Datasheet HTML 5Page - OSRAM GmbH SFH-9540 Datasheet HTML 6Page - OSRAM GmbH SFH-9540 Datasheet HTML 7Page - OSRAM GmbH SFH-9540 Datasheet HTML 8Page - OSRAM GmbH SFH-9540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2015-12-23
1
2015-12-23
Slotted Interrupter
Version 1.3
SFH 9540
Ordering Information
Features:
•
Suitable for surface mounting (SMT)
•
Compact housing out of black LCP
•
GaAs infrared emitter (950 nm)
•
Silicon phototransistor with daylight-cutoff filter
•
With positioning pin
•
Suitable for pick and place
•
High sensing accuracy (slit width: 0.5 mm)
•
Wide gap between emitter and detector (5 mm)
•
High stability on pcb due to large width of device (6.8 mm)
Applications
•
Speed control
•
Motor control
•
Monitoring of paper feed in printers, copiers, facsimiles
•
Control of print head in printers
•
Coin detection
•
Optoelectronic switches
Type:
Collector-emitter current
Ordering Code
I
PCE [µA]
I
F = 20 mA, VCE = 5 V
SFH 9540
≥ 1000
Q65111A6122


Similar Part No. - SFH-9540

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-9500 OSRAM-SFH-9500 Datasheet
263Kb / 11P
Slotted Interrupter
More results

Similar Description - SFH-9540

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
67013 MICROPAC-67013 Datasheet
14Kb / 2P
SLOTTED OPTICAL INTERRUPTER
67060 MICROPAC-67060 Datasheet
77Kb / 2P
SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
logo
List of Unclassifed Man...
SFH9310 ETC-SFH9310 Datasheet
58Kb / 7P
Gabellichtschranke Slotted Interrupter
SFH9300 ETC-SFH9300 Datasheet
59Kb / 7P
Gabellichtschranke Slotted Interrupter
logo
OSRAM GmbH
SFH9500 OSRAM-SFH9500 Datasheet
93Kb / 10P
Gabellichtschranke Slotted Interrupter
SFH9315 OSRAM-SFH9315 Datasheet
238Kb / 8P
Slotted Interrupter
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
OSRAM GmbH
SFH9540 OSRAM-SFH9540 Datasheet
268Kb / 11P
Slotted Interrupter
SFH-9500 OSRAM-SFH-9500 Datasheet
263Kb / 11P
Slotted Interrupter
logo
Motorola, Inc
MOC7811 MOTOROLA-MOC7811 Datasheet
65Kb / 1P
Slotted Couplers/Interrupter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com