Electronic Components Datasheet Search
  English  ▼

X  

ADL5569 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5569
Description  6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5569 Datasheet HTML 8Page - Analog Devices ADL5569 Datasheet HTML 9Page - Analog Devices ADL5569 Datasheet HTML 10Page - Analog Devices ADL5569 Datasheet HTML 11Page - Analog Devices ADL5569 Datasheet HTML 12Page - Analog Devices ADL5569 Datasheet HTML 13Page - Analog Devices ADL5569 Datasheet HTML 14Page - Analog Devices ADL5569 Datasheet HTML 15Page - Analog Devices ADL5569 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADL5569
Rev. PrB | Page 13 of 16
ADL5569
AVDD 5.0V
AVDDx
DRVDDx
30
Ω
50
Ω
50
Ω
10k
Ω
VCOM
VIP
VCC
PDBx
PAD
VIN
AVDD
5.0V
10k
Ω
200
Ω
0.35pF
ADC
INTERNAL
INPUT Z
AD9208
VCM
30
Ω
5
Ω
5
Ω
10
Ω
10
Ω
0.1µF
ANALOG
INPUT
TCM2-43X+
INPUT
Z = 50
Ω
0.1µF
0.1µF
0.1µF
50
Ω
50
Ω
5
Ω 2.7nH
2.7nH
5
Ω
AVDD 3.3V
5.1nH
0.1µF
0.1µF
0.1µF
0.5pF
1pF
Figure 16. Wideband 3.2 GHz Bandwidth ADC Interfacing Example: ADL5569 Driving the AD9208
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 17 shows the recommended land pattern for the ADL5569.
The ADL5569 is contained in a 2.5 mm × 3 mm LFCSP
package, which has an exposed ground pad (EP). This pad is
internally connected to the ground of the chip. To minimize
thermal impedance and ensure electrical performance, solder
the pad to the low impedance ground plane on the PCB. To
further reduce thermal impedance, it is recommended that the
ground planes on all layers under the paddle be stitched together
with vias.
For more information on land pattern design and layout, refer
to the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
The land pattern on the ADL5569 evaluation board provides a
simulated thermal resistance (θJA) of 90.5 °C/W.
Figure 17. Recommended Land Pattern
EVALUATION BOARD
Figure 18 shows the schematic of the ADL5569 evaluation board.
The evaluation board is powered by a single 5 V supply. The
power supply is decoupled by 10 µF and 0.1 µF capacitors. On
board regulators provide a 2.5 V common mode voltage and 3 V
logic supply voltage to enable/disable the power-down feature.
Several termination options are also provided to allow the user
to terminate unused inputs/outputs of the amplifier for single-
ended applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com