Electronic Components Datasheet Search
  English  ▼

X  

HMC451LC3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC451LC3
Description  Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC451LC3 Datasheet(HTML) 1 Page - Analog Devices

  HMC451LC3 Datasheet HTML 1Page - Analog Devices HMC451LC3 Datasheet HTML 2Page - Analog Devices HMC451LC3 Datasheet HTML 3Page - Analog Devices HMC451LC3 Datasheet HTML 4Page - Analog Devices HMC451LC3 Datasheet HTML 5Page - Analog Devices HMC451LC3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HMC451LC3
v07.0118
Gaas PHEMT MMIC MEDIUM
POWER aMPLIFIER, 5 - 20 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Speciications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General Description
Features
Functional Diagram
The HMC451LC3 is an efficient GaAs PHEMT
MMIC Medium Power Ampliier housed in a leadless
RoHS compliant SMT package. Operating between
5 and 20 GHz, the ampliier provides 19 dB of gain,
+21 dBm of saturated power and 21% PAE from a
single +5V supply. This 50 Ohm matched ampliier
does not require any external components and the
RF I/O’s are DC blocked, making it an ideal linear
gain block or driver for HMC SMT mixers. The
HMC451LC3 allows the use of surface mount
manufacturing techniques.
Gain: 19 dB
Saturated Power: +21 dBm @ 21% PAE
Output IP3: +30 dBm
Single Supply: +5V @ 114 mA
50 Ohm Matched Input/Output
RoHS Compliant 3 x 3 mm SMT package
Electrical speciications, T
a = +25° C, Vdd1 = Vdd2 = +5V
Typical applications
The HMC451LC3 is ideal for use as a medium power
ampliier for:
• Microwave Radio & VSAT
• Military & Space
• Test Equipment & Sensors
• Fiber Optics
• LO Driver for HMC Mixers
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
5 -15
15 - 18
18 - 20
GHz
Gain
16
19
15
18
14
17
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
0.015
0.025
dB/ °C
Input Return Loss
13
13
12
dB
Output Return Loss
12
8
8
dB
Output Power for 1 dB
Compression (P1dB)
16.5
19.5
16
19
16.5
19.5
dBm
Saturated Output Power (Psat)
21
20.5
21
dBm
Output Third Order Intercept (IP3)
32
29
29
dBm
Noise Figure
7
6.5
7
dB
Supply Current (Idd)
114
114
114
mA


Similar Part No. - HMC451LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
v07.0118
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3_V01 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
v07.0118
More results

Similar Description - HMC451LC3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
HMC442LC3B AD-HMC442LC3B Datasheet
353Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC1082LP4E AD-HMC1082LP4E Datasheet
796Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH264 AD-HMC-ABH264 Datasheet
371Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC499 AD-HMC499 Datasheet
288Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com