Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 15 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT8331 Datasheet HTML 11Page - Linear Technology LT8331 Datasheet HTML 12Page - Linear Technology LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LT8331
15
8331fa
For more information www.linear.com/LT8331
or electrolytic capacitor at the output. Low noise ceramic
capacitors are also available.
Table 3. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
BOOST CONVERTER: DIODE SELECTION
ASchottkydiodeisrecommendedforusewiththeLT8331.
Low leakage Schottky diodes are necessary when low
quiescentcurrentisdesiredatlowloads.Thediodeleakage
appears as an equivalent load at the output and should be
minimized.ChooseSchottkydiodeswithsufficientreverse
voltage ratings for the target applications.
Table 4. Recommended Schottky Diodes
PART NUMBER
AVERAGE
FORWARD
CURRENT
(mA)
REVERSE
VOLTAGE
(V)
REVERSE
CURRENT
(µA)
MANUFACTURER
DFLS1100
1000
100
1.0
Diodes, Inc.
RB558VA150TR
500
150
0.5
ROHM
RB068L150TE25
2000
150
3.0
ROHM
RF101L2STE25
1000
200
10
ROHM
BAV21W
200
200
0.1
Vishay
APPLICATIONS INFORMATION
Figure 5. Suggested Boost Converter Layout
BOOST CONVERTER: LAYOUT HINTS
The high speed operation of the LT8331 demands careful
attention to board layout. Careless layout will result in per-
formance degradation. Figure 5 shows the recommended
component placement for a boost converter. Note the vias
under the exposed pad. These should connect to a local
ground plane for better thermal performance.
FLYBACK CONVERTER APPLICATIONS
TheLT8331canbeconfiguredasaflybackconverterforthe
applications where the converters have multiple outputs,
high output voltages or isolated outputs. Figure 6 shows
a simplified flyback converter.
The flyback converter has a very low parts count for mul-
tiple outputs, and with prudent selection of turns ratio, can
have high output/input voltage conversion ratios with a
desirable duty cycle. However, it has low efficiency due to
thehighpeakcurrents,highpeakvoltagesandconsequent
power loss.
The flyback converter can be designed to operate either
in continuous or discontinuous mode. Compared to con-
tinuous mode, discontinuous mode has the advantage of
°
°
1
3
5
6
7
8
EN
VIN
INTVCC
NC
BIAS
NC
16
14
12
11
10
9
SW1
SW2
SYNC
SS
RT
FBX
PGND
GND
VOUT
SW
VOUT
PGND
VIN
SW
8331 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com