Electronic Components Datasheet Search
  English  ▼

X  

LB-45 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB-45
Description  Frequency-to-Voltage Converter uses Sampleand- Hold to Improve Response and Ripple
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB-45 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LB-45 Datasheet HTML 1Page - National Semiconductor (TI) LB-45 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLH8494
National Semiconductor
Linear Brief 45
April 1979
Frequency-to-Voltage
Converter uses Sample-
and-Hold to Improve
Response and Ripple
Most frequency-to-voltage (F-to-V) converters suffer from
the classical tradeoff of ripple versus speed of response
For example the basic F-to-V converter shown below has
13 mVp-p of ripple and a rather slow 06 second settling
time when CFILTER is 1 mF If you want less ripple than that
the response time will be even slower If you want quicker
response it is easy to decrease CFILTER but the ripple will
increase by the same factor
The improved circuit in
Figure 2 makes an end-run around
these compromises A low-cost sample-and-hold circuit
such as LF398 can sample the F-to-V’s output at the peak
of its ripple and hold it until the next cycle The LF398 has
fairly low output ripple (rms) but it does have some short
duration noise spikes and glitches which can be removed
easily with a simple output filter The ripple at the output of
the active filter V6 is smaller than 1 mV peak but the set-
tling time for a step change of input frequency is only 60 ms
or ten times quicker than the ‘‘basic’’ FVC with CFILTER e
1 mF
VOUT e fIN c
RLR
S
J c(19V)c(11RtCt)
output
ripple
p-p
Je 1CFILTERJc(19V)c(11RtCt)
RS
TLH8494 – 1
FIGURE 1 Basic Frequency-to-Voltage Converter
TLH8494 – 2
FIGURE 2 Improved F-to-V Converter Using Sample-and-Hold
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LB-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-450-100 ETC2-LB-450-100 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-450-100 ETC2-LB-450-100 Datasheet
109Kb / 1P
170 through 600 Amperes
LB-450-50 ETC2-LB-450-50 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-450-50 ETC2-LB-450-50 Datasheet
109Kb / 1P
170 through 600 Amperes
More results

Similar Description - LB-45

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com