Electronic Components Datasheet Search
  English  ▼

X  

KF2N60DI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF2N60DI
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF2N60DI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF2N60DI Datasheet HTML 1Page - KEC(Korea Electronics) KF2N60DI Datasheet HTML 2Page - KEC(Korea Electronics) KF2N60DI Datasheet HTML 3Page - KEC(Korea Electronics) KF2N60DI Datasheet HTML 4Page - KEC(Korea Electronics) KF2N60DI Datasheet HTML 5Page - KEC(Korea Electronics) KF2N60DI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2011. 9. 21
4/6
KF2N60D/I
Revision No : 1
Drain - Source Voltage VDS (V)
Fig9. Safe Operation Area
10
1
10
1
10
-1
10
0
10
0
10
-2
10
2
10
3
0
0
1.5
0.5
1.0
3.0
3.5
2.5
2.0
75
150
125
50
100
25
C
Junction Temperature Tj ( )
Fig10. ID - Tj
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
10
µs
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
78
3
1
5
4
6
2
0
Fig8. Qg- VGS
I
D=2A
Fig 7. C - VDS
VDS = 480V
Drain - Source Voltage VDS (V)
1
10
100
1000
05
15
25
35
10
20
30
40
Crss
Coss
Ciss
Operation in this
area is limited by RDS(ON)
TIME (sec)
Fig11. Transient Thermal Response Curve
- Duty Factor, D= t1/t2
Tj(max) - Tc
- RthJC =
PD
t1
t2
PDM
Single
Pul
se
Duty=0.5
0.02
0.05
0.1
0.2
0.01
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
101
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com