Electronic Components Datasheet Search
  English  ▼

X  

KF2N60P Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KF2N60P
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF2N60P Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KF2N60P Datasheet HTML 1Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 2Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 3Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 4Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 5Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 6Page - KEC(Korea Electronics) KF2N60P Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2011. 4. 29
3/7
KF2N60P/F
Revision No : 0
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
10
0
10
-1
10
1
10
0
10
-1
10
-2
10
1
68
410
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
-100
-50
0.8
0.9
1.2
1.1
1.0
050
100
150
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
0.6
1.4
1.6
1.8
12.0
4.0
0
2.0
6.0
10.0
8.0
02.0
1.0
3.0
1.5
0.5
2.5
Junction Temperature Tj (
)
C
Source - Drain Voltage VSD (V)
10
0
10
-1
10
1
10
2
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
0
50
-100
-50
100
150
0.0
0.5
3.0
2.5
1.0
1.5
2.0
C
VGS =10V
IDS = 1A
V
GS = 0V
I
DS = 250
25 C
1100
0.1
10
VGS=10V
VGS=7V
VGS=10V
VGS=6V
25 C
TC=100 C
TC=100 C
VGS=5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com