Electronic Components Datasheet Search
  English  ▼

X  

LT8642S Datasheet(PDF) 13 Page - Linear Technology

Part # LT8642S
Description  18V, 10A Synchronous Step-Down Silent Switcher 2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8642S Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8642S Datasheet HTML 9Page - Linear Technology LT8642S Datasheet HTML 10Page - Linear Technology LT8642S Datasheet HTML 11Page - Linear Technology LT8642S Datasheet HTML 12Page - Linear Technology LT8642S Datasheet HTML 13Page - Linear Technology LT8642S Datasheet HTML 14Page - Linear Technology LT8642S Datasheet HTML 15Page - Linear Technology LT8642S Datasheet HTML 16Page - Linear Technology LT8642S Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8642S
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Low EMI PCB Layout
The LT8642S is specifically designed to minimize EMI
emissions and also to maximize efficiency when switch-
ing at high frequencies. For optimal performance the
LT8642S should use multiple VIN bypass capacitors.
Two small <1µF capacitors can be placed as close as pos-
sible to the LT8642S, one capacitor on each side of the
device (COPT1, COPT2). A third capacitor with a larger value,
4.7µF or higher, should be placed near COPT1 or COPT2.
See Figure 1 for a recommended PCB layout.
For more detail and PCB design files refer to the Demo
Board guide for the LT8642S.
Note that large, switched currents flow in the LT8642S VIN
and GND pins and the input capacitors. The loops formed
by the input capacitors should be as small as possible by
placing the capacitors adjacent to the VIN and GND pins.
Capacitors with small case size such as 0402 or 0603 are
optimal due to lowest parasitic inductance.
The input capacitors, along with the inductor and out-
put capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and RT nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
Figure 1. Recommended PCB Layout for the LT8642S
GROUND VIA
VIN VIA
VOUT VIA
OTHER SIGNAL VIAS
8642S F01
L
COPT2
COPT1
CSS
R2
C1
R1
RT
COUT
CIN3
RC
CC
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com