Electronic Components Datasheet Search
  English  ▼

X  

MAX17632 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17632
Description  4.5V to 36V, 2A, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17632 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17632 Datasheet HTML 17Page - Maxim Integrated Products MAX17632 Datasheet HTML 18Page - Maxim Integrated Products MAX17632 Datasheet HTML 19Page - Maxim Integrated Products MAX17632 Datasheet HTML 20Page - Maxim Integrated Products MAX17632 Datasheet HTML 21Page - Maxim Integrated Products MAX17632 Datasheet HTML 22Page - Maxim Integrated Products MAX17632 Datasheet HTML 23Page - Maxim Integrated Products MAX17632 Datasheet HTML 24Page - Maxim Integrated Products MAX17632 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Calculate resistor R7 from the FB pin to SGND as follows:
(
)
OUT
R6 0.9
R7 =
V
- 0.9
×
R7 is in kΩ.
Power Dissipation
At a particular operating condition, the power losses that
lead to temperature rise of the part are estimated as follows:
(
)
2
LOSS
OUT
OUT
DCR
1
P
= P
-1 - I
R


××


η


OUT
OUT
OUT
P
= V
x I
where:
POUT = Output power
η = Efficiency of the converter
RDCR = DC resistance of the inductor (see the Typical
Operating Characteristics for more information on effi-
ciency at typical operating conditions).
For a typical multilayer board, the thermal performance
metrics for the package are given below:
θJA = 38°C/W
θJC = 10°C/W
The junction temperature of the device can be estimated
at any given maximum ambient temperature (TA(MAX))
from the following equation:
(
)
J(MAX)
A(MAX)
JA
LOSS
T
= T
+
P
θ×
If the application has a thermal-management system that
ensures that the exposed pad of the device is maintained
at a given temperature (TEP(MAX)) by using proper heat
sinks, then the junction temperature of the device can be
estimated at any given maximum ambient temperature as:
(
)
J(MAX)
EP(MAX)
JC
LOSS
T
= T
+
P
θ×
Note: Junction temperatures greater than +125°C
degrades operating lifetimes.
PCB Layout Guidelines
All connections carrying pulsed currents must be very
short and as wide as possible. The inductance of these
connections must be kept to an absolute minimum due to
the high di/dt of the currents. Since inductance of a cur-
rent-carrying loop is proportional to the area enclosed by
the loop, if the loop area is made very small, inductance
is reduced. Additionally, small-current loop areas reduce
radiated EMI.
A ceramic input filter capacitor should be placed close
to the VIN pins of the IC. This eliminates as much trace
inductance effects as possible and gives the IC a cleaner
voltage supply. A bypass capacitor for the VCC pin also
should be placed close to the pin to reduce effects of trace
impedance.
When routing the circuitry around the IC, the analog small
signal ground and the power ground for switching cur-
rents must be kept separate. They should be connected
together at a point where switching activity is minimum.
This helps keep the analog ground quiet. The ground
plane should be kept continuous (unbroken) as far as
possible. No trace carrying high switching current should
be placed directly over any ground plane discontinuity.
PCB layout also affects the thermal performance of the
design. A number of thermal throughputs that connect to a
large ground plane should be provided under the exposed
pad of the part, for efficient heat dissipation.
For a sample layout that ensures first pass success, refer
to the MAX17632 evaluation kit layout available at www.
maximintegrated.com.
Figure 2. Setting the Output Voltage
VOUT
R6
R7
FB
SGND
www.maximintegrated.com
Maxim Integrated │ 21
MAX17632
4.5V to 36V, 2A, High-Efficiency,
Synchronous Step-Down DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com