Electronic Components Datasheet Search
  English  ▼

X  

MAX17761 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17761
Description  4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17761 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17761 Datasheet HTML 1Page - Maxim Integrated Products MAX17761 Datasheet HTML 2Page - Maxim Integrated Products MAX17761 Datasheet HTML 3Page - Maxim Integrated Products MAX17761 Datasheet HTML 4Page - Maxim Integrated Products MAX17761 Datasheet HTML 5Page - Maxim Integrated Products MAX17761 Datasheet HTML 6Page - Maxim Integrated Products MAX17761 Datasheet HTML 7Page - Maxim Integrated Products MAX17761 Datasheet HTML 8Page - Maxim Integrated Products MAX17761 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
(VIN = 24V, VEN/UVLO = unconnected, RRT = 105kΩ (fSW = 400kHz), LX = unconnected, TA = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to SGND, unless otherwise noted.) (Note 2)
Note 2: Electrical specifications are production tested at TA = +25°C. Specifications over the entire operating temperature range are
guaranteed by design and characterization.
MAX17761
4.5V to 76V, 1A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MODE
MODE PFM Threshold
Rising
1
1.22
1.44
V
Hysteresis
0.19
V
TIMINGS
Minimum On-Time
tON-MIN
45
70
110
ns
Maximum Duty Cycle
DMAX
90
93
97
%
OSCILLATOR
Switching Frequency
fSW
RRT = 210kΩ
180
200
220
kHz
RRT = 140kΩ
270
300
330
kHz
RRT = 105kΩ
360
400
440
kHz
RRT = 69.8KΩ
540
600
660
kHz
Switching Frequency Adjustable
Range
200
600
kHz
SYNC Input Frequency
1.15 ×
fSW
1.4
× fSW
kHz
SYNC Pulse Minimum Off time
40
ns
SYNC High Threshold
VSYNC-H
1
1.22
1.44
V
Hysteresis
VSYNC-HYS
0.18
V
Number of SYNC Pulses to Enable
Synchronization
1
Cycles
RESET
FB Threshold for RESET Rising
VFB-OKR
VFB rising
95
%
FB Threshold for RESET Falling
VFB-OKF
VFB falling
92
%
RESET Delay After FB Reaches
95% Regulation
2.1
ms
RESET Output Level Low
IRESET = 1mA
0.07
V
RESET Output Leakage Current
VFB = 1.063 × VFB-REG, TA = +25°C
1
µA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
160
°C
Thermal-Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com