Electronic Components Datasheet Search
  English  ▼

X  

MAX38800 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38800
Description  Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38800 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38800 Datasheet HTML 1Page - Maxim Integrated Products MAX38800 Datasheet HTML 2Page - Maxim Integrated Products MAX38800 Datasheet HTML 3Page - Maxim Integrated Products MAX38800 Datasheet HTML 4Page - Maxim Integrated Products MAX38800 Datasheet HTML 5Page - Maxim Integrated Products MAX38800 Datasheet HTML 6Page - Maxim Integrated Products MAX38800 Datasheet HTML 7Page - Maxim Integrated Products MAX38800 Datasheet HTML 8Page - Maxim Integrated Products MAX38800 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
(VCC = 1.8V ±5%, VDDH = 12V unless otherwise specified. Limits are 100% tested at TA = +25°C and TA = +85°C. Limits over the
operating temperature range and relevant supply voltage range are guaranteed by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE PROTECTION (OVP)
Overvoltage-Protection Rising
Threshold
OVP
(Note 5)
8.5
13
16
%
OVP Deglitch Filter Time
25
30
36
µs
Power Good Protection Falling
PWRGD
(Note 5)
5
9
12.5
%
Power Good Protection Rising
(Note 5)
3
6
9.5
%
Power Good Deglitch Filter
25
30
36
µs
OVERCURRENT PROTECTION (OCP)
Positive OCP Threshold
(POCP)
OCP
Valley current (Note 9)
6.6
A
8.5
10
Negative OCP Threshold
(NOCP)
-6.9
A
-8.5
-10
POCP Threshold Tolerance
Referenced to nominal value
(Note 5) (Note 8)
-20
+20
%
NOCP Threshold Tolerance
Referenced to nominal value
(Note 5) (Note 8)
-26
+26
%
Hysteresis (Note 6)
Referenced to inception value (Note 8)
15
%
OVERTEMPERATURE PROTECTION (OTP)
OTP Inception Threshold
OTP
Note 8
130
140
150
°C
Hysteresis
-25
-10
°C
TEMPERATURE REPORTING
Temperature Reporting Range
TJ
0
125
°C
Temperature Reporting
Tolerance
Note 8
-8
+8
°C
CURRENT REPORTING
Current Reporting Range
ILOAD
0
9
A
Current Reporting Tolerance
From no load to full load (Note 8)
-1.5
+1.5
A
Full load (Note 8)
-5
+5
%
MAX38800
Integrated, Step-Down Switching Regulator With
Selectable Applications Configurations
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com