Electronic Components Datasheet Search
  English  ▼

X  

MAX38801 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX38801
Description  Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38801 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX38801 Datasheet HTML 17Page - Maxim Integrated Products MAX38801 Datasheet HTML 18Page - Maxim Integrated Products MAX38801 Datasheet HTML 19Page - Maxim Integrated Products MAX38801 Datasheet HTML 20Page - Maxim Integrated Products MAX38801 Datasheet HTML 21Page - Maxim Integrated Products MAX38801 Datasheet HTML 22Page - Maxim Integrated Products MAX38801 Datasheet HTML 23Page - Maxim Integrated Products MAX38801 Datasheet HTML 24Page - Maxim Integrated Products MAX38801 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Thus, when the ramp injection components (RR, CR1,
CR2), lead compensation components (CLEAD, RLEAD)
and lag compensation components (RLAG, CLAG) are not
used, the approximate loop gain and BW are given by the
following equations.
Equation 9
DIV
SENSE(GAIN)
OUT
DIV
SENSE(GAIN)
OUT
GAIN_EFF
OUT
K
Loop_Gain(f)
2R
C
f
K
BW
2R
C
1
or BW
2R
C
=
× π×
×
×
=
× π×
×
=
× π×
×
where RGAIN_EFF = RSENSE(GAIN)/KDIV
For stability, COUT should be chosen so that BW < fSW/3.
Designing with no loop compensation can result in fairly
large COUT; compensation schemes such as lead, lag
and ramp injection can be used to allow COUT reduction.
These compensations impact the transient performance
as they change the BW of the system. This should be
included in design analysis.
Integrator
The IC has an integrator included in its error amplifier to
improve load regulation. The integrator only adds gain at
low frequencies, so it does not affect the loop BW; therefore,
it was not considered in previous equations. With integrator,
the loop gain from Equation 9 is multiplied by a factor of
(1/tREC + s)/s
where tREC is 20µs.
Step Response
RGAIN_EFF determines the small-signal transient
response of the regulator. When a load step is applied
that does not exceed the slew rate capability of the inductor
current, the regulator responds linearly and VOUT
temporarily changes by the amount of VOUT_ERROR (see
Equation 10a). If the load step applied exceeds the slew
rate capability of the inductor current, the voltage deviation
(VOUT_ERROR) is solely determined by output filter
values (See Equation 10a).
The actual voltage deviation (VOUT_ERROR) is given by
the largest of the values calculated using Equation 10a
and Equation 10b.
Equation 10
( )
OUT_ERROR
STEP
GAIN_EFF
2
OUT_ERROR
OUT
OUT
a)
V
I
R
IL
b)
V
2V
C
=
×
×
≈
××
After a transient event, VOUT returns to the nominal value
with a 20µs time constant, due to the integrator circuit. A
first order average small-signal model of the regulator is
shown in Figure 10. VEQ is an ideal voltage source equal
to VOUT, REQ (RGAIN_EFF) is an emulated lossless resis-
tance created by the control loop action and LEQ (tREC x
RGAIN_EFF) is an emulated inductance. Note that LEQ
is not the same as the actual LOUT inductor which has
been absorbed into the model. COUT is the actual output
capacitance.
Figure 7. Averaged Small-Signal Equivalent Circuit of Regulator
REQ
LEQ
COUT
VEQ
MAX38801
Integrated, Step-Down Switching Regulator With
Selectable Applications Configurations
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com