Electronic Components Datasheet Search
  English  ▼

X  

LTC3638 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3638
Description  High Efficiency, 140V 250mA Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3638 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3638 Datasheet HTML 9Page - Linear Technology LTC3638 Datasheet HTML 10Page - Linear Technology LTC3638 Datasheet HTML 11Page - Linear Technology LTC3638 Datasheet HTML 12Page - Linear Technology LTC3638 Datasheet HTML 13Page - Linear Technology LTC3638 Datasheet HTML 14Page - Linear Technology LTC3638 Datasheet HTML 15Page - Linear Technology LTC3638 Datasheet HTML 16Page - Linear Technology LTC3638 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3638
13
3638fa
For more information www.linear.com/LTC3638
APPLICATIONS INFORMATION
can be approximated by:
∆VOUT ≈
IPEAK
2
–ILOAD

 •
4•10–6
COUT
+
VOUT
160
The output ripple is a maximum at no load and approaches
lower limit of VOUT/160 at full load. Choose the output
capacitor COUT to limit the output voltage ripple ∆VOUT
using the following equation:
COUT ≥
IPEAK •2•10–6
∆VOUT –
VOUT
160
Thevalueoftheoutputcapacitormustalsobelargeenough
to accept the energy stored in the inductor without a large
change in output voltage during a single switching cycle.
Setting this voltage step equal to 1% of the output voltage,
the output capacitor must be:
COUT >
L
2
•
IPEAK
VOUT


2
•
100%
1%
Typically, a capacitor that satisfies the voltage ripple re-
quirement is adequate to filter the inductor ripple. To avoid
overheating, the output capacitor must also be sized to
handle the ripple current generated by the inductor. The
worst-case ripple current in the output capacitor is given
by IRMS = IPEAK/2. Multiple capacitors placed in parallel
may be needed to meet the ESR and RMS current handling
requirements.
Dry tantalum, special polymer, aluminum electrolytic,
and ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density
but it is important only to use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR but
can be used in cost-sensitive applications provided that
consideration is given to ripple current ratings and long-
termreliability.CeramiccapacitorshaveexcellentlowESR
characteristics but can have high voltage coefficient and
audible piezoelectric effects. The high quality factor (Q)
of ceramic capacitors in series with trace inductance can
also lead to significant input voltage ringing.
Input Voltage Steps
Iftheinputvoltagefallsbelowtheregulatedoutputvoltage,
thebodydiodeoftheinternalMOSFETwillconductcurrent
from the output supply to the input supply. If the input
voltage falls rapidly, the voltage across the inductor will be
significant and may saturate the inductor. A large current
will then flow through the MOSFET body diode, resulting
in excessive power dissipation that may damage the part.
If rapid voltage steps are expected on the input supply, put
a small silicon or Schottky diode in series with the VIN pin
to prevent reverse current and inductor saturation, shown
below as D1 in Figure 5. The diode should be sized for a
reverse voltage of greater than the regulated output volt-
age, and to withstand repetitive currents higher than the
maximum peak current of the LTC3638.
Figure 5. Preventing Current Flow to the Input
SW
INPUT
SUPPLY
LTC3638
COUT
3638 F05
CIN
VOUT
VIN
L
D1
Ceramic Capacitors and Audible Noise
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. Their high ripple
current, high voltage rating, and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com