Electronic Components Datasheet Search
  English  ▼

X  

LTC4020 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4020
Description  55V Buck-Boost Multi-Chemistry Battery Charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4020 Datasheet(HTML) 3 Page - Linear Technology

  LTC4020 Datasheet HTML 1Page - Linear Technology LTC4020 Datasheet HTML 2Page - Linear Technology LTC4020 Datasheet HTML 3Page - Linear Technology LTC4020 Datasheet HTML 4Page - Linear Technology LTC4020 Datasheet HTML 5Page - Linear Technology LTC4020 Datasheet HTML 6Page - Linear Technology LTC4020 Datasheet HTML 7Page - Linear Technology LTC4020 Datasheet HTML 8Page - Linear Technology LTC4020 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LTC4020
3
4020fd
For more information www.linear.com/LTC4020
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). PVIN = SENSVIN = CSP = CSN = BAT = 20V, SHDN = 2V,
C(TG1, BG1, TG2, BG2) = 1000pF, VRNG/SS = 2V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC
Boost Refresh Supply Voltage
ILOAD = 5mA
l
4.85
5.0
5.15
V
Boost Refresh Supply Dropout
PVIN = 4.5V; IINTVCC = 5mA
4.46
V
Boost Refresh Supply Short-Circuit Current
Limit
VINTVCC = 0V
l
85
150
mA
IPVIN
PVIN Operating Current
Note 3; ITH = 0V
l
1.6
3
mA
Shutdown Current
VSHDN = 0
l
3
6
µA
ISENSVIN
SENSEVIN Operating Current
l
0.25
0.5
mA
Shutdown Current
VSHDN = 0
l
25
60
µA
ISENSTOP
SENSETOP Operating Current
32.5
µA
Shutdown Current
VSHDN = 0
0.1
µA
VFBMAX
DC/DC Converter Reference
Charging Terminated
l
2.7
2.75
2.8
V
SHDN
IC Enable Threshold (Rising)
Threshold Hysteresis
l
1.175
1.225
100
1.275
V
mV
SHDN Pin Bias Current
10
nA
VSENS
DC/DC Converter Inductor Current Limit
(Average Value)
VSENSVIN – VSENSTOP;
VSENSGND – VSENSBOT
l
45
50
60
mV
Reverse Current Inhibit
(Average Value)
VITH Falling (TG2 Disabled)
VITH Rising (TG2 Enabled)
l
0
2
6
mV
mV
ILIMIT
Inductor Current Limit Programming
VILIMIT = 0.5V; VILIMIT/VSENS(MAX)
20
V/V
ILIMIT Pin Bias Current
l
47.5
50
52.5
µA
ITH
Error Amp Current Limit
VFBMAX = 0, VITH = 1.3V
8
µA
Error Amp Transconductance
VFBMAX = 2.75V; VITH = 1.3V
95
umho
VC
High Side Current Sense Transconductance
(VSENSVIN – VSENSETOP) to IVC
VC = 1.8V
200
umho
Low Side Current Sense Transconductance
(VSENSGND – VSENSEBOT) to IVC
VC = 1.8V
200
umho
DCMAX
Maximum Duty Cycle
BG2: tON • fO
l
70
80
%
fO
Switching Frequency
RRT = 100k
RRT = 50k
RRT = 250k
l
235
250
500
100
265
kHz
kHz
kHz
tON
Minimum On Time
BG2
l
150
250
ns
tOFF
Minimum Off Time
TG1
l
300
500
ns
tTR
Gate Drive Transition Time
TG1, BG1, TG2, BG2
5
ns
tNOL
Gate Drive Non-Overlap time
(TG1 – SW1) to BG1,
(TG2 – SW2) to BG2
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com